Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5705PAPRG4 Datasheet(PDF) 48 Page - Texas Instruments

Part # TAS5705PAPRG4
Description  20-W STEREO DIGITAL AUDIO POWER AMPLIFIER WITH EQ AND DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5705PAPRG4 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TAS5705PAPRG4 Datasheet HTML 44Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 45Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 46Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 47Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 48Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 49Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 50Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 51Page - Texas Instruments TAS5705PAPRG4 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 71 page
background image
TAS5705
SLOS549 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
Table 7. Serial Control Interface Register Summary (continued)
NO. OF
INITIALIZATION
SUBADDRESS
REGISTER NAME
CONTENTS
BYTES
VALUE
0x35
ch2_bq[5]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x36
ch2_bq[6]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x37
ch6_bq[0]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x38
ch6_bq[1]
20
u[31:26], b0[25:0]
0x0080 0000
u[31:26], b1[25:0]
0x0000 0000
u[31:26], b2[25:0]
0x0000 0000
u[31:26], a1[25:0]
0x0000 0000
u[31:26], a2[25:0]
0x0000 0000
0x39
4
Reserved(4)
0x3A
DRC1 ae
8
u[31:26], ae[25:0]
0x0080 0000
DRC1 (1 – ae)
u[31:26], (1 – ae)[25:0]
0x0000 0000
0x3B
DRC1 aa
8
u[31:26], aa[25:0]
0x0080 0000
DRC1 (1 – aa)
u[31:26], (1 – aa)[25:0]
0x0000 0000
0x3C
DRC1 ad
8
u[31:26], ad[25:0]
0x0080 0000
DRC1 (1 – ad)
u[31:26], (1 – ad)[25:0]
0x0000 0000
0x3D
DRC2 ae
8
u[31:26], ae[25:0]
0x0080 0000
DRC 2 (1 – ae)
u[31:26], (1 – ae)[25:0]
0x0000 0000
0x3E
DRC2 aa
8
u[31:26], aa[25:0]
0x0080 0000
DRC2 (1 – aa)
u[31:26], (1 – aa)[25:0]
0x0000 0000
0x3F
DRC2 ad
8
u[31:26], ad[25:0]
0x0080 0000
DRC2 (1 – ad)
u[31:26], (1 – ad)[25:0]
0x0000 0000
0x40
DRC1-T
4
T1[31:0]
0xFDA2 1490
0x41
DRC1-K
4
u[31:26], k1[25:0]
0x0384 2109
0x42
DRC1-O
4
u[31:26], O1[25:0]
0x0008 4210
0x43
DRC2-T
4
T2[31:0]
0xFDA2 1490
0x44
DRC2-K
4
u[31:26], k2[25:0]
0x0384 2109
0x45
DRC2-O
4
u[31:26], O2[25:0]
0x0008 4210
0x46
DRC control
4
u[31:2], ch6_enable, ch1_5_enable
0x0000 0000
0x47–0x49
4
Reserved(4)
0x0000 0000
0x50
4
Bank update command register
0x0000 0000
0x51–0xFF
4
Reserved(4)
0x0000 0000
(4)
Reserved registers should not be accessed.
48
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS5705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com