Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7374IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS7374IPWR
Description  4-Channel SDTV Video Amplifier with 6th-Order Filters and 6-dB Gain
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7374IPWR Datasheet(HTML) 2 Page - Texas Instruments

  THS7374IPWR Datasheet HTML 1Page - Texas Instruments THS7374IPWR Datasheet HTML 2Page - Texas Instruments THS7374IPWR Datasheet HTML 3Page - Texas Instruments THS7374IPWR Datasheet HTML 4Page - Texas Instruments THS7374IPWR Datasheet HTML 5Page - Texas Instruments THS7374IPWR Datasheet HTML 6Page - Texas Instruments THS7374IPWR Datasheet HTML 7Page - Texas Instruments THS7374IPWR Datasheet HTML 8Page - Texas Instruments THS7374IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
THS7374
SLOS590 – JULY 2008....................................................................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)(2)
PRODUCT
PACKAGE-LEAD
TRANSPORT MEDIA, QUANTITY
ECO STATUS(2)
THS7374IPW
Rails, 90
TSSOP-14
Pb-Free, Green
THS7374IPWR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
These packages conform to Lead (Pb)-free and green manufacturing specifications. Additional details including specific material
contentcan be accessed at www.ti.com/leadfree.
GREEN: TI defines Green to mean Lead (Pb)-Free and in addition, uses less package materials that do not contain halogens, including
bromine (Br), or antimony (Sb) above 0.1% of total product weight. N/A: Not yet available Lead (Pb)-Free; for estimated conversion
dates, go to www.ti.com/leadfree. Pb-FREE: TI defines Lead (Pb)-Free to mean RoHS compatible, including a lead concentration that
does not exceed 0.1% of total product weight, and, if designed to be soldered, suitable for use in specified lead-free soldering
processes.
Over operating free-air temperature range unless otherwise noted.
THS7374
UNIT
Supply voltage, VS+ to GND
5.5
V
Input voltage, VI
–0.4 to VS
V
Output current, IO
100
mA
Continuous power dissipation
See Dissipation Ratings Table
Maximum junction temperature, any condition(2) TJ
+150
°C
Maximum junction temperature, continuous opertaion, long-term
+125
°C
reliability(3), TJ
Storage temperature range, TSTG
–65 to +150
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
+300
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The absolute maximum junction temperature under any condition is limited by the constraints of the silicon process.
(3)
The absolute maximum junction temperature for continuous operation is limited by the package constraints. Operation above this
temperature may result in reduced reliability and/or lifetime of the device.
θ
JC
θ
JA
AT TA ≤ +25°C
AT TA = +85°C
PACKAGE
(°C/W)
(°C/W)
POWER RATING
POWER RATING
TSSOP-14 (PW)
35
115
870 mW
348 mW
MIN
NOM
MAX
UNIT
Supply voltage, VS+
3
5
V
Ambient temperature, TA
-40
+85
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): THS7374



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com