Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7264BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD7264BCPZ
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7264BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7264BCPZ Datasheet HTML 6Page - Analog Devices AD7264BCPZ Datasheet HTML 7Page - Analog Devices AD7264BCPZ Datasheet HTML 8Page - Analog Devices AD7264BCPZ Datasheet HTML 9Page - Analog Devices AD7264BCPZ Datasheet HTML 10Page - Analog Devices AD7264BCPZ Datasheet HTML 11Page - Analog Devices AD7264BCPZ Datasheet HTML 12Page - Analog Devices AD7264BCPZ Datasheet HTML 13Page - Analog Devices AD7264BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD7264
Rev. A | Page 10 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
2000
4000
6000
8000 10,000 12,000 14,000 16,000
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
GAIN = 2
CODE
Figure 5. Typical DNL at Gain of 2
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
2000
4000
6000
8000 10,000 12,000 14,000 16,000
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
GAIN = 2
CODE
Figure 6. Typical INL at Gain of 2
FREQUENCY (kHz)
–140
–120
–100
–80
–60
–40
–20
0
AVCC = 5V
VDRIVE = 2.7V
fS = 1MSPS
TA = 25°C
fIN = 100kHz
INTERNAL REFERENCE
SNR = 79dB
THD = –96dB
GAIN = 2
0
50
100
150
200
250
300
350
400
450
Figure 7. Typical FFT at Gain of 2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
2000
4000
6000
8000
10,000 12,000 14,000 16,000
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
GAIN = 32
CODE
Figure 8. Typical DNL at Gain of 32
–2.0
–1.5
–1.5
–1.0
–1.0
–0.5
–0.5
0
2.0
0
2000
4000
6000
8000 10,000 12,000 14,000 16,000
AVCC = 5V
VDRIVE = 5V
fS = 1MSPS
TA = 25°C
INTERNAL REFERENCE
GAIN = 32
CODE
Figure 9. Typical INL at Gain of 32
FREQUENCY (kHz)
–140
–120
–100
–80
–60
–40
–20
0
0
50
100
150
200
250
300
350
400
450
500
AVCC = 5V
VDRIVE = 2.7V
fS = 1MSPS
TA = 25°C
fIN = 100kHz
INTERNAL REFERENCE
SNR = 72dB
THD = –87dB
GAIN = 32
Figure 10. Typical FFT at Gain of 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com