Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7264BCPZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD7264BCPZ
Description  1 MSPS, 14-Bit, Simultaneous Sampling SAR ADC with PGA and Four Comparators
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7264BCPZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD7264BCPZ Datasheet HTML 24Page - Analog Devices AD7264BCPZ Datasheet HTML 25Page - Analog Devices AD7264BCPZ Datasheet HTML 26Page - Analog Devices AD7264BCPZ Datasheet HTML 27Page - Analog Devices AD7264BCPZ Datasheet HTML 28Page - Analog Devices AD7264BCPZ Datasheet HTML 29Page - Analog Devices AD7264BCPZ Datasheet HTML 30Page - Analog Devices AD7264BCPZ Datasheet HTML 31Page - Analog Devices AD7264BCPZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD7264
Rev. A | Page 29 of 32
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7264BCPZ1
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-1
AD7264BCPZ-RL71
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-1
AD7264BCPZ-51
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-1
AD7264BCPZ-5-RL71
−40°C to +105°C
48-Lead Lead Frame Chip Scale Package [LFCSP_VQ]
CP-48-1
AD7264BSTZ1
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD7264BSTZ-RL71
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD7264BSTZ-51
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
AD7264BSTZ-5-RL71
−40°C to +105°C
48-Lead Low Profile Quad Flat Package [LQFP]
ST-48
EVAL-AD7264EDZ1
Evaluation Board
EVAL-CED1Z1
Development Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com