Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5502ACBZ-P2 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  800 MHz to 3800 MHz Crest Factor Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 4 Page - Analog Devices

  ADL5502ACBZ-P2 Datasheet HTML 1Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 2Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 3Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 4Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 5Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 6Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 7Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 8Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ADL5502
Preliminary Technical Data
Rev. PrD (04/20/2008) | Page 4 of 14
Parameter
Condition
Min
Typ
Max
Unit
RMS CONVERSION (f = 3500 MHz)
Input RFIN to output VRMS
Input Impedance
TBD||TBD
Ω||pF
Dynamic Range1
CW input, −40°C < TA < +85°C
±0.25 dB Error2
VS = 3 V
15
dB
±1 dB Error3
VS = 3 V
25
dB
±2 dB Error3
VS = 3 V
30
dB
Maximum Input Level
±0.25 dB error
TBD
dBm
Minimum Input Level
±1 dB error
TBD
dBm
Conversion Gain
VRMS = (Gain × VIN) + Intercept
1.33
V/V rms
Output Intercept4
–0.005
V
Output Voltage—High Power In
PIN = +5 dBm, 400 mV rms
TBD
V
Output Voltage—Low Power In
PIN = −21 dBm, 20 mV rms
TBD
V
VRMS OUTPUT
Pin VRMS
Output Offset
No signal at RFIN
150
mV
Response time
5 dB Step, 10% to 90% of settling level, no
filter cap
15
μS
Available Output Current
3
mA
VENV OUTPUT
Pin VENV
Envelope Modulation Bandwidth
5
10
MHz
Maximum Output Voltage
Vs = 2.7 V, RLOAD ≥ 10 kΩ
1.5
V
Output Offset
No signal at RFIN
TBD
mV
Response time
5 dB Step, 10% to 90% of settling level, no
filter cap
TBD
μS
Available Output Current
3
mA
PEAK HOLD
Hold Time
100
200
μS
Hold Voltage Drop
TBD
mV/ μS
CONTROL INTERFACE
Logic Level to, Real Time Envelope, HI
2.7 V ≤ VS ≤ 3.5 V, −40°C < TA < +85°C
1.8
VPOS
V
Input Current when HI
2.7 V at ENBL, –40°C ≤ TA ≤ +85°C
0.05
0.1
μA
Logic Level for Peak Hold Condition, LO
2.7 V ≤ VS ≤ 3.5 V, −40°C < TA < +85°C
–0.5
+0.5
V
Enable Time
CFLTR = Open, 0 dBm at RFIN
TBD
μs
Disable Time
CFLTR = 100 nF, 0 dBm at RFIN
TBD
μs
ENABLE INTERFACE
Pin ENBL
Logic Level to Enable Power, HI Condition
2.5 V ≤ VS ≤ 3.5 V, −40°C < TA < +85°C
1.8
VPOS
V
Input Current when HI
2.5 V at ENBL, –40°C ≤ TA ≤ +85°C
0.05
0.1
μA
Logic Level to Disable Power, LO Condition
2.5 V ≤ VS ≤ 3.5 V, −40°C < TA < +85°C
–0.5
+0.5
V
Power-Up Response Time5
CFLTR = Open, 0 dBm at RFIN
TBD
μs
CFLTR = 100 nF, 0 dBm at RFIN
TBD
μs
POWER SUPPLIES
Operating Range
−40°C < TA < +85°C
2.5
3.5
V
Quiescent Current
No signal at RFIN6
5.0
mA
Disable Current
ENBL in LO Condition, no signal at RFIN
< TBD
5
μA
1 The available output swing, and hence the dynamic range, is altered by the supply voltage; see TBD.
2 Error referred to delta from 25°C response.
3 Error referred to best-fit line at 25°C
4 Calculated using linear regression.
5 The response time is measured from 10% to 90% of settling level
6 Supply current is input level dependant; see TBD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com