Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5502ACBZ-P2 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  800 MHz to 3800 MHz Crest Factor Detector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5502ACBZ-P2 Datasheet HTML 4Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 5Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 6Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 7Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 8Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 9Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 10Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 11Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADL5502
Preliminary Technical Data
Rev. PrD (04/20/2008) | Page 8 of 14
Figure 9. VRMS Temperature Drift Distributions for Mulitple Devices at −40°C,
+25°C, and +85°C vs. +25°C Linear Reference, Frequency1 900 MHz
Figure 10. VRMS Temperature Drift Distributions for Mulitple Devices at
−40°C, +25°C, and +85°C vs. +25°C Linear Reference, Frequency 2350 MHz
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
-20
-15
-10
-5
0
5
10
15
INPUT (dBm)
CW
12.2kbps, DPCCH (–5.46dB, 15kSPS) +DPDCH (0dB, 60kSPS), 3.4dB CF
768kbps, DPCCH (–11.48dB, 15kSPS) +DPDCH1 + 2 (0dB, 960kSPS), 5.8dB CF
PICH + FCH (9.6kbps) + SCH (153.6kbps), 6.7dB CF
PICH + FCH (9.6kbps) + DCCH, 6.3dB CF
PICH + FCH (9.6kbps) + DCCH +SCH (153.6kbps), 7.6dB CF
Figure 11. VRMS Error from CW Linear Reference vs. Input with Various
WCDMA & CDMA2000 Rev Link Waveforms at 1900 MHz, CFLTR = 22 nF
Figure 12. VRMS Delta from +25°C Output Voltage for Multiple Devices
at −40°C and +85°C, Frequency 1900 MHz
Figure 13. VRMS Delta from +25°C Output Voltage for Multiple Devices
at −40°C and +85°C, Frequency 2350 MHz
-1.00
-0.80
-0.60
-0.40
-0.20
0.00
0.20
0.40
0.60
0.80
1.00
-20
-15
-10
-5
0
5
10
15
INPUT (dBm)
CW
DPCCH (15ksps, SC0, -5.46 dB) + DPDCH (60ksps, SC16, 0 dB), 3.55 dB CF
DPCCH (15ksps, SC0, -6.02 dB) + DPDCH (60ksps, SC16, -4.08 dB) +
HS-DPCCH (15ksps, SC64, 0 dB), 4.91 dB CF
DPCCH (15ksps, SC0, -6.02 dB) + DPDCH (60ksps, SC16, -11.48 dB) +
HS-DPCCH (15ksps, SC64, 0 dB), 5.34 dB CF
DPCCH (15ksps, SC0, -6.02 dB) + HS-DPCCH (15ksps, SC64, 0 dB), 5.44 dB CF
Figure 14. VRMS Error from CW Linear Reference vs. Input with Various
WCDMA HSPA Reverse Link Waveforms at 1900 MHz, CFLTR = 22 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com