Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE5169 Datasheet(PDF) 72 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 68Page - Analog Devices ADE5169 Datasheet HTML 69Page - Analog Devices ADE5169 Datasheet HTML 70Page - Analog Devices ADE5169 Datasheet HTML 71Page - Analog Devices ADE5169 Datasheet HTML 72Page - Analog Devices ADE5169 Datasheet HTML 73Page - Analog Devices ADE5169 Datasheet HTML 74Page - Analog Devices ADE5169 Datasheet HTML 75Page - Analog Devices ADE5169 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 148 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Preliminary Technical Data
Rev. PrB | Page 72 of 148
External Voltage ADC in PSM1 and PSM2
An external voltage conversion is initiated only by certain actions
that depend on the operating mode of the ADE5166/ADE5169/
ADE5566/ADE5569.
In PSM0 operating mode, the 8052 is active. External
voltage measurements are available in the background
measurement mode and by initiating a single measurement.
In PSM1 operating mode, the 8052 is active and the part is
powered from battery. Single external voltage measurements
can be initiated by setting the VDCIN_ADC_GO bit in the
start ADC measurement SFR (ADCGO, 0xD8). Background
external voltage measurements are not available.
In PSM2 operating mode, the 8052 is not active. External
voltage conversions are available through the background
measurement mode only.
The external voltage ADC in the VDCIN ADC value SFR
(VDCINADC, 0xEF) is updated with a new value only when
an external voltage ADC interrupt occurs.
External Voltage ADC Interrupt
The external voltage ADC can generate an ADC interrupt when
at least one of the following conditions occurs:
The difference between the new external voltage ADC
value and the last external voltage ADC value generating
an ADC interrupt is larger than the value set in the
VDCIN_DIFF[2:0] bits in the temperature and supply
delta SFR (DIFFPROG, 0xF3).
The external voltage ADC conversion initiated by setting
VDCIN_ADC_GO finishes.
When the ADC interrupt occurs, a new value is available in the
VDCIN ADC value SFR (VDCINADC, 0xEF). Note that there is
no flag associated with this interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com