Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE5169 Datasheet(PDF) 29 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 25Page - Analog Devices ADE5169 Datasheet HTML 26Page - Analog Devices ADE5169 Datasheet HTML 27Page - Analog Devices ADE5169 Datasheet HTML 28Page - Analog Devices ADE5169 Datasheet HTML 29Page - Analog Devices ADE5169 Datasheet HTML 30Page - Analog Devices ADE5169 Datasheet HTML 31Page - Analog Devices ADE5169 Datasheet HTML 32Page - Analog Devices ADE5169 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 148 page
background image
Preliminary Technical Data
ADE5166/ADE5169/ADE5566/ADE5569
Rev. PrB | Page 29 of 148
OPERATING MODES
PSM0 (NORMAL MODE)
In PSM0, normal operating mode, VSWOUT is connected to VDD.
All of the analog circuitry and digital circuitry powered by
VINTD and VINTA are enabled by default. In normal mode, the
default clock frequency, fCORE, established during a power-on
reset or software reset, is 1.024 MHz.
PSM1 (BATTERY MODE)
In PSM1, battery mode, VSWOUT is connected to VBAT.
In this operating mode, the 8052 core and all of the digital
circuitry are enabled by default. The analog circuitry for the
ADE energy metering DSP powered by VINTA is disabled. This
analog circuitry automatically restarts, and the switch to the
VDD power supply occurs when the VDD supply is above 2.75 V
and when the PWRDN bit in the MODE1 register (0x0B) is
cleared (see Table 32). The default fCORE for PSM1, established
during a power-on reset or software reset, is 1.024 MHz.
PSM2 (SLEEP MODE)
PSM2 is a low power consumption sleep mode for use in battery
operation. In this mode, VSWOUT is connected to VBAT. All of the
2.5 V digital and analog circuitry powered through VINTA and VINTD
are disabled, including the MCU core, resulting in the following:
The RAM in the MCU is no longer valid.
The program counter for the 8052, also held in volatile
memory, becomes invalid when the 2.5 V supply is shut
down. Therefore, the program does not resume from
where it left off but always starts from the power-on reset
vector when the ADE5166/ADE5169/ADE5566/ADE5569
exit PSM2.
The 3.3 V peripherals (temperature ADC, VDCIN ADC, RTC,
and LCD) are active in PSM2. They can be enabled or disabled
to reduce power consumption and are configured for PSM2
operation when the MCU core is active (see Table 28 for more
information about the individual peripherals and their PSM2
configuration). The ADE5166/ADE5169/ADE5566/ADE5569
remain in PSM2 until an event occurs to wake them up.
In PSM2, the ADE5166/ADE5169/ADE5566/ADE5569 provide
four scratch pad RAM SFRs that are maintained during this
mode. These SFRs can be used to save data from PSM0 or
PSM1 when entering PSM2 (see Table 21 to Table 24).
In PSM2, the ADE5166/ADE5169/ADE5566/ADE5569 main-
tain some SFRs (see Table 27). The SFRs that are not listed in
this table should be restored when the part enters PSM0 or
PSM1 from PSM2.
Table 27. SFR Maintained in PSM2
I/O Configuration
Power Supply Management
RTC Peripherals
LCD Peripherals
Interrupt Pins Configuration SFR
(INTPR, 0xFF), see Table 16
Battery Detection Threshold SFR
(BATVTH, 0xFA), see Table 52
RTC Nominal Compensation SFR
(RTCCOMP, 0xF6), see Table 123
LCD Segment Enable 2 SFR
(LCDSEGE2, 0xED), see Table 91
Peripheral Configuration SFR (PERIPH,
0xF4), see Table 19
Battery Switchover Configuration
SFR (BATPR, 0xF5), see Table 18
RTC Temperature Compensation
SFR (TEMPCAL, 0xF7),
see Table 124
LCD Configuration Y SFR
(LCDCONY, 0xB1), see Table 84
Port 0 Weak Pull-Up Enable SFR
(PINMAP0, 0xB2), see Table 156
Battery ADC Value SFR
(BATADC, 0xDF), see Table 54
RTC Configuration SFR (TIMECON,
0xA1), see Table 119
LCD Configuration X SFR
(LCDCONX, 0x9C), see Table 82
Port 1 Weak Pull-Up Enable SFR
(PINMAP1, 0xB3), see Table 157
Peripheral ADC Strobe Period SFR
(STRBPER, 0xF9), see Table 49
RTC Configuration 2 SFR
(TIMECON2, 0xA2), see Table 120
LCD Configuration SFR
(LCDCON, 0x95), see Table 81
Port 2 Weak Pull-Up Enable SFR
(PINMAP2, 0xB4), see Table 158
Temperature and Supply Delta SFR
(DIFFPROG, 0xF3), see Table 50
All indirectly accessible register
defined in the RTC register list. See
Table 126
LCD Clock SFR (LCDCLK, 0x96),
see Table 85
Scratch Pad 1 SFR (SCRATCH1, 0xFB),
see Table 21
VDCIN ADC Value SFR
(VDCINADC, 0xEF), see Table 53
LCD Segment Enable SFR
(LCDSEGE, 0x97) see Table 88
Scratch Pad 2 SFR (SCRATCH2, 0xFC),
see Table 22
Temperature ADC Value SFR
(TEMPADC, 0xD7), see Table 55
LCD Pointer SFR (LCDPTR, 0xAC),
see Table 89
Scratch Pad 3 SFR (SCRATCH3, 0xFD),
see Table 23
LCD Data SFR (LCDDAT, 0xAE),
see Table 90
Scratch Pad 4 SFR (SCRATCH4, 0xFE),
see Table 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com