Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE5169 Datasheet(PDF) 104 Page - Analog Devices

Part # ADE5169
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169 Datasheet(HTML) 104 Page - Analog Devices

Back Button ADE5169 Datasheet HTML 100Page - Analog Devices ADE5169 Datasheet HTML 101Page - Analog Devices ADE5169 Datasheet HTML 102Page - Analog Devices ADE5169 Datasheet HTML 103Page - Analog Devices ADE5169 Datasheet HTML 104Page - Analog Devices ADE5169 Datasheet HTML 105Page - Analog Devices ADE5169 Datasheet HTML 106Page - Analog Devices ADE5169 Datasheet HTML 107Page - Analog Devices ADE5169 Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 148 page
background image
ADE5166/ADE5169/ADE5566/ADE5569
Preliminary Technical Data
Rev. PrB | Page 104 of 148
ensure that the correct value is written to the PROTKY SFR
each time the protection scheme is changed.
The two most significant bits of 0xF7FF are used to enable the
lock mechanisms for the watchdog and stack boundary settings
(see the Watchdog Timer section and the Stack Boundary
Protection section for more information).
The following code provides an example of how the write/erase
protection can be enabled on the first page and the PROTKY set
to 0xA3. Note that to active the following protection, the part
requires a reset.
; enable write/erase protection on the first
page only
MOV EDATA, #0FEH
; clear bit WP 0
MOV EADRL, #0F0H
; write address to F7F0h
MOV FLSHKY, #3BH
; enable flash access
MOV ECON, #08H
;issue protection
command
;enable write/erase protection on last page
(this is required for any protection to be
activated)
MOV EDATA, #0F7H
; clear bit WP123
MOV EADRL, #0FFH
; write address to F7FFh
MOV FLSHKY, #3BH
; enable flash access
MOV ECON, #08H
;issue protection
command
;set up PROTKY to A3h
MOV EDATA, #0A3H
; set PROTKY to A3h
MOV EADRL, #0EBH
; write address to F7EBh
MOV FLSHKY, #3BH
; enable flash access
MOV ECON, #08H
; issue protection
command
Note that once PROTKY is changed to 0xA3, as shown in the
preceding example code, all future modifications of the
protection scheme require the PROTKY SFR to be set to 0xA3
prior to issuing the ECON protection command.
PROTKY
RP
28 TO 31
RP
24 TO 27
RP
20 TO 23
RP
16 TO 19
RP
12 TO 15
RP
8 TO 11
RP
4 TO 7
RP
0 TO 3
RP
60 TO 63
RP
56 TO 59
RP
52 TO 55
RP
48 TO 51
RP
44 TO 47
RP
40 TO 43
RP
36 TO 39
RP
32 TO 35
92 TO 95 88 TO 91 84 TO 87 80 TO 83 76 TO 79 72 TO 75 68 TO 71 64 TO 67
RP
RP
RP
RP
RP
RP
RP
RP
RP
120 TO 123
RP
116 TO 119
RP
112 TO 115
RP
108 TO 111
RP
104 TO 107
RP
100 TO 103
RP
96 TO 99
WP
7
WP
6
WP
5
WP
4
WP
3
WP
2
WP
1
WP
0
WP
15
WP
14
WP
13
WP
12
WP
11
WP
10
WP
9
WP
8
PROTECTION KEY
0xF7EB
0xF7EF
0xF7FF
0xF600
WP
111
WP
110
WP
109
WP
108
WP
107
WP
106
WP
105
WP
104
WP
119
WP
118
WP
117
WP
116
WP
115
WP
114
WP
113
WP
112
WDOG
LOCK
STCON
LOCK
WP
123
WP
122
WP
121
WP
120
Figure 74. Flash Protection in Page124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com