Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP121 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP121
Description  150 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP121 Datasheet(HTML) 4 Page - Analog Devices

  ADP121 Datasheet HTML 1Page - Analog Devices ADP121 Datasheet HTML 2Page - Analog Devices ADP121 Datasheet HTML 3Page - Analog Devices ADP121 Datasheet HTML 4Page - Analog Devices ADP121 Datasheet HTML 5Page - Analog Devices ADP121 Datasheet HTML 6Page - Analog Devices ADP121 Datasheet HTML 7Page - Analog Devices ADP121 Datasheet HTML 8Page - Analog Devices ADP121 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP121
Rev. 0 | Page 4 of 20
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
POWER SUPPLY REJECTION RATIO
PSRR
10 kHz, VIN = 5 V, VOUT = 3.3 V
60
dB
10 kHz, VIN = 5 V, VOUT = 2.5 V
66
dB
10 kHz, VIN = 5 V, VOUT = 1.2 V
70
dB
INPUT AND OUTPUT CAPACITOR5
Minimum Input and Output Capacitance
CAPMIN
TJ = −40°C to +125°C
0.70
μF
Capacitor ESR
RESR
TJ = −40°C to +125°C
0.001
1
Ω
1 Based on an end-point calculation using 1 mA and 100 mA loads. See
for typical load regulation performance for loads less than 1 mA.
Figure 6
2 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.3 V.
3 Start-up time is defined as the time between the rising edge of EN to VOUT being at 90% of its nominal value.
4 Current-limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 3.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 3.0 V, or 2.7 V.
5 The minimum input and output capacitance should be greater than 0.70 μF over the full range of operating conditions. The full range of operating conditions in the
application must be considered during device selection to ensure that the minimum capacitance specification is met. X7R and X5R type capacitors are recommended;
Y5V and Z5U capacitors are not recommended for use with any LDO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com