Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2402 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2402
Description  DUAL 300mA LDO REGULATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2402 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2402 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Data Sheet
2
Jul. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
DUAL 300mA LDO REGULATORS
AP2402
Pin 1 Dot by Marking
Pin 1 Dot by Marking
Pin 1 Dot by Marking
VOUT1
Pin Configuration
Figure 2. Pin Configuration of AP2402 (Top View)
K Package
(SOT-23-6)
Pin Description
Pin Number
Pin Name
Function
6-pin
8-pin
17
VOUT2
Output voltage 2
2
5
GND
Ground
3
3
CE2
On/Off control 2, logic high=enable; logic low=shutdown
4
2
CE1
On/Off control 1, logic high=enable; logic low=shutdown
51
VIN
Input voltage
68
VOUT1
Output voltage 1
4, 6
NC
No connection
VIN
GND
CE1
VOUT2
1
2
3
4
6
5
CE2
VOUT1
KT Package
(TSOT-23-6)
DN Package
(DFN-2
×2-8)
VIN
GND
CE1
VOUT2
1
2
34
6
5
CE2
1
2
3
4
6
5
7
8
VIN
CE1
CE2
NC
GND
NC
VOUT2
VOUT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com