Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2402 Datasheet(PDF) 21 Page - BCD Semiconductor Manufacturing Limited

Part # AP2402
Description  DUAL 300mA LDO REGULATORS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2402 Datasheet(HTML) 21 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2402 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 19Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 20Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 21Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 22Page - BCD Semiconductor Manufacturing Limited AP2402 Datasheet HTML 23Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
Jul. 2008 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Data Sheet
DUAL 300mA LDO REGULATORS
AP2402
Mechanical Dimensions (Continued)
TSOT-23-6
Unit: mm(inch)
2.800(0.110)
3.000(0.118)
1.500(0.059)
1.700(0.067)
2.600(0.102)
3.000(0.118)
0.950(0.037)
BSC
1.900(0.075)
BSC
0.700(0.030)
0.900(0.035)
0.700(0.028)
0.800(0.031)
0.000(0.000)
0.100(0.004)
0.350(0.014)
0.510(0.020)
0
8
°
0.370(0.015)
MIN
0.100(0.004)
0.250(0.010)
°
0.250(0.010)
BSC
GAUGE
PLANE
R0.100(0.004)
MIN
Pin 1 Dot by Marking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com