Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT87C5103-ICSAL Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT87C5103-ICSAL
Description  Low-pin Count 8-bit Microcontroller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT87C5103-ICSAL Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT87C5103-ICSAL Datasheet HTML 4Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 5Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 6Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 7Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 8Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 9Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 10Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 11Page - ATMEL Corporation AT87C5103-ICSAL Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
8
4134B–8051–06/03
Registers
Table 1. CKCON0 Register
CKCON0 (S:8Fh)
Clock Control Register
Note:
1. This control bit is validated when the CPU clock bit X2 is set; when X2 is low, this bit
has no effect.
Reset Value = XX0X X000b
7654
3210
PCAX2
T1X2
T0X2
X2
Bit
Number
Bit
Mnemonic
Description
7
–
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
–
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5PCAX2
Programmable Counter Array clock
(1)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
4
–
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
–
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2T1X2
Timer1 Clock
(1)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
1T0X2
Timer0 Clock
(1)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
0X2
CPU Clock
Clear to select 12 clock periods per machine cycle (STD mode) for CPU and all
the peripherals.
Set to select 6 clock periods per machine cycle (X2 Mode) and to enable the
individual peripherals "X2" bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com