Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F11 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # F11
Description  Thermal Cutout Temperature Protection for Coils/Windings
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F11 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  F11 Datasheet HTML 1Page - List of Unclassifed Manufacturers F11 Datasheet HTML 2Page - List of Unclassifed Manufacturers F11 Datasheet HTML 3Page - List of Unclassifed Manufacturers F11 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
CURRENT SENSITIVITY
The thermostats are not current sensitive at rated
currents. At loads above the rated values, upto
maximum loading there is self-heating of the cur-
rent-carrying contacts. If current sensitive cutouts
are required, please refer to the data sheet „Thermal
cutouts – current sensitive thermal protection for
coils/windings (Nr. 395).
INSULATION RESISTANCE
Housing (with insulation)
to earth
2750Veff. AC P 302
On request, in special housing,
upto
4000Veff. AC P 304
Across open contacts, dependent
on response temperature
500Veff. AC P304
Voltage of coil depending on application,
please ask.
CONNECTIONS
Flexible leads or solid wire in different lengths and
cross-sections are available – please ask.
RESPONSE TEMPERATURES, TOLERANCE
Temperature stepped in 5 °C intervals, and toleran-
ce in K from 50 °C to 160 °C. Special switch-off and
reset temperatures available on request.
Rate of temperature rise from 0.1 K/min. to max. 1.0
K/min.
Insulation of the housing will slow down the cutout’s
response.
Standard reset temperature between 5 K and 50 K,
depending on response temperature.
QUALITY ASSURANCE
Production item testing
Voltage test, switch function
Nominal switching temperature
Random sample quality testing
Life expectancy to VDE 0631/EN 60730
Function test to AQL 1.0
Nominal response temperature AQL 1.0
Measurement tolerance ±2 °C AQL 4.0
Other values AQL 4.0
Type
F 11
F 11U
B 11
B 12
Voltage rating 50 – 60 Hz*
250 V
250 V
250 V
250 V
Current rating at cos
j = 1,0*
2,0 A
2,0 A
6,3 A
6,3 A
Current rating at cos
j = 0,6*
1,2 A
1,2 A
4,0 A
4,0 A
max. load 48 h**
at cos
j = 1.0
3,0 A
4,0 A
8,0 A
10,0 A
Contact
Normally closed N-C
arrangement Normally open N-O
Switch operations at rated current*
E I (10 000)
E I (10 000) 35 E2 (3500)
E I (10 000)
E I (10 000)
Contact resistance***
< 40 m
½
< 40 m
½
< 40 m
½
< 40 m
½
Response temperature range
+70 °C to
+70 °C to
+50 °C to
+50 °C to
+160 °C
+160 °C
+160 °C
+160 °C
343 K to 433 K
343 K to 433 K
323 K to 433 K
323 K to 433 K
Tolerance (minimum)
±5 K ±10 K ±15 K
±5 K ±10 K ±15 K
±5 K ±10 K ±15 K
±5 K ±10 K ±15 K
Max. permanent temperature of
switch mechanism*
T 175
T 175
T175
T 175
Housing material
silver-plated steel
silver-plated steel
nickel-plated steel
nickel-plated steel
hard epoxy
hard epoxy
Duroplast
Duroplast
Protection
sealed against ingress of dust,
lacquer, oil, resin etc.
Strength of shape without
permanent deformation
800 N/mm2
800 N/mm2
900 N/mm2
900 N/mm2
Vacuum tightness
Æ
standard
standard
standard
standard
Ref. P102
Ref. P102
Ref. P102
Ref. P102
Rate of leak
0.133–0.0133
0.133–0.0133
0.133–0.0133
0.133–0.0133
bar cm3/s
bar cm3/s
bar cm3/s
bar cm3/s
Standard 1250 V 50–60 Hz
Insulation resistance/
P301
2000 V 50–60 Hz
dielectric strength
P302
2750 V 50–60 Hz
Execution according to U
P303
3750 V 50–60 Hz
P304
4000 V 50–60 Hz
Overheat protector ÜHS
10,0 (1,2) A
16,0 (8,0) A
Short circuit proof
10,0 A
10,0 A
36,0 A
36,0 A
Max. load 500 V AC
0.8 A
0.8 A
2.0 A
2.0 A
110 V AC
6.0 A
6.0 A
12.0 A
12.0 A
60 V DC
1.0 A
1.0 A
3.0 A
3.0 A
42 V DC
1.2 A
1.2 A
4.2 A
4.2 A
6/12/ 24 V DC
1.8 A
1.8 A
5.5 A
5.5 A
Min. load
50 m A
50 m A
50 m A
50 m A
TECHNICAL DATA
Note: *** Approved ratings- other specific values on request.
.
*** Contact resistance in standard version.
*** Cycling rate 72/h
Æ On request.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com