Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F11 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F11
Description  Thermal Cutout Temperature Protection for Coils/Windings
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F11 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F11 Datasheet HTML 1Page - List of Unclassifed Manufacturers F11 Datasheet HTML 2Page - List of Unclassifed Manufacturers F11 Datasheet HTML 3Page - List of Unclassifed Manufacturers F11 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DESCRIPTION
This thermostat operates as a thermal cutout. A thermally sensitive
bimetal snap-element with double contacts (single contacts for type F 11)
either opens or closes an electrical circuit by switching at a pre-set res-
ponse temperature. Reset follows automatically after a considerable drop
in temperature.
Heat transfer occurs from all sides through convection, radiation or con-
duction in gaseous or solid media. The circular base plate conducts heat
onto the bimetal snap-element, thus also allowing its use as a surface
temperature cutout.
APPLICATIONS
Thermal protection and- under certain conditions - temperature control of
electrical machinery and equipment.
Examples
Single phase motors
Heating elements
Chokes
Generators
Signal transmitters
Coils
Convertors
Fire detectors
Power supplies
Transformers
Magnets
Inverters
Pumps
Relays
DIMENSIONS
F 11
B 11/B 12
Microtherm International Cooperation
Thermal Cutout
Temperature Protection for Coils/Windings
FEATURES
– broad product range for all types of application
and load
– small size
– maximum switch load
– good heat transfer
– high temperature sensitivity
– minimal contact resistance
– many approvals
F Type
B Type
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
C A NTHE RM
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-290
E-mail : sales@cantherm.com • Website: www.cantherm.com


Similar Part No. - F11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F11 ETC2-F11 Datasheet
570Kb / 2P
Encapsulated Thermostats for Electronics
F11-E06 ETC2-F11-E06 Datasheet
570Kb / 2P
Encapsulated Thermostats for Electronics
logo
Fox Electronics
F110 FOX-F110 Datasheet
491Kb / 2P
HCMOS 2.0x1.6mm 1.8V SMD Oscillator
logo
Systemsensor advanced i...
F110 SYSTEMSENSOR-F110 Datasheet
198Kb / 2P
200 Series Intelligent Low-Profile Plug-In Detectors
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
More results

Similar Description - F11

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E11 ETC2-E11 Datasheet
73Kb / 4P
Thermal Cutouts Temperature Protection for Electronics
A3LX31H3001193 ETC2-A3LX31H3001193 Datasheet
491Kb / 12P
Thermal Cutout/Regulator/Limiter
logo
Unisonic Technologies
LR1198G-AE5-X-R UTC-LR1198G-AE5-X-R Datasheet
170Kb / 4P
Thermal Shutdown Protection
logo
STMicroelectronics
L78 STMICROELECTRONICS-L78 Datasheet
2Mb / 54P
Thermal overload protection
28-Nov-2016
A21SP16 STMICROELECTRONICS-A21SP16 Datasheet
862Kb / 37P
Thermal shutdown protection
06-Mar-2014
logo
Artesyn Technologies
DA18-M ARTESYN-DA18-M Datasheet
2Mb / 6P
Thermal protection
logo
Virginia Panel Corporat...
31011360X VPC-31011360X Datasheet
79Kb / 1P
i2 CUTOUT i2 CUTOUT
310113546 VPC-310113546 Datasheet
28Kb / 1P
COVER PLATE FOR i1 CUTOUT
logo
Dialog Semiconductor
SLG59M1714V DIALOG-SLG59M1714V Datasheet
358Kb / 18P
Thermal Shutdown Protection
logo
Greystone Energy System...
LTC2A GREYSTONE-LTC2A Datasheet
186Kb / 1P
LOW TEMPERATURE CUTOUT THERMOSTAT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com