Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP80390CPU Datasheet(PDF) 6 Page - Digital Core Design

Part # DP80390CPU
Description  Pipelined High Performance 8-bit Microcontroller ver 3.10
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390CPU Datasheet(HTML) 6 Page - Digital Core Design

  DP80390CPU_03 Datasheet HTML 1Page - Digital Core Design DP80390CPU_03 Datasheet HTML 2Page - Digital Core Design DP80390CPU_03 Datasheet HTML 3Page - Digital Core Design DP80390CPU_03 Datasheet HTML 4Page - Digital Core Design DP80390CPU_03 Datasheet HTML 5Page - Digital Core Design DP80390CPU_03 Datasheet HTML 6Page - Digital Core Design DP80390CPU_03 Datasheet HTML 7Page - Digital Core Design DP80390CPU_03 Datasheet HTML 8Page - Digital Core Design DP80390CPU_03 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
automatically switched in power save mode.
Finally whole debugger is turned off when de-
bug option is no longer used.
PROGRAM CODE SPACE
IMPLEMENTATIO N
The figure below shows an example Pro-
gram Memory space implementation in sys-
tems with DP80390CPU Microcontroller core.
The On-chip Program Memory located in ad-
dress space between 0kB and 1kB is typically
used for BOOT code with system initialization
functions. This part of the code is typically im-
plemented as ROM. The On-chip Program
Memory located in address space between
60kB and 64kB is typically used for timing criti-
cal part of the code e.g. interrupt subroutines,
arithmetic functions etc. This part of the code is
typically implemented as RAM and can be
loaded by the BOOT code during initialization
phase from Off-chip memory or through RS232
interface from external device. From the two
mentioned above spaces program code is
executed without wait-states and can achieve
a top performance up to 200 million instruc-
tions per second (many instructions executed
in one clock cycle). The Off-chip Program
Memory located in address space between
1kB and 60kB, and above 64 kB is typically
used for main code and constants. This part of
the code is usually implemented as ROM,
SRAM or FLASH device. Because of relatively
long access time the program code executed
from mentioned above devices must be
fetched with additional Wait-States. Number of
required Wait-States depends on memory ac-
cess time and DP80390CPU clock frequency.
In most cases the proper number of Wait-
States cycles is between 2-5. The READY pin
can be also dynamically modulated e.g. by
SDRAM controller.
0x000400
On-chip Memory
(implemented as ROM)
Off chip Memory
(implemented as ROM,
SRAM or FLASH)
0x000000
0xFFFFFF
0x00F000
On chip Memory
(implemented as RAM)
0x00FFFF
Off chip Memory
(implemented as ROM,
SRAM or FLASH)
The figure below shows a typical Program
Memories
connections
in
system
with
DP80390CPU Microcontroller core.
10
12
8
prgaddr
On-chip Memory
(implemented as ROM)
0 Wait-State access
On-
chip Memory
(implemented as RAM)
0 Wait-State access
prgromdata
i
prgramdatai
prgdatao
prgramwr
8
xdatai
8
8
xdatao
xaddr
24
xprgrd
xprgwr
Off-chip Memory
(implemented as
FLASH, or SRAM)
eg. 2-5 Wait-State
access
ASIC or FPGA
chip
ready
Wait-States
manager
DP80390CPU
The described above implementation should be
treated as an example. All Program Memory
spaces are fully configurable. For timing-critical
applications whole program code can be imple-
mented as on-chip ROM and (or) RAM and
executed without Wait-States, but for some
other applications whole program code can be
implemented as off-chip ROM or FLASH and
executed with required number Wait-State cy-
cles.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com