Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP80390CPU Datasheet(PDF) 7 Page - Digital Core Design

Part # DP80390CPU
Description  Pipelined High Performance 8-bit Microcontroller ver 3.10
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390CPU Datasheet(HTML) 7 Page - Digital Core Design

  DP80390CPU_03 Datasheet HTML 1Page - Digital Core Design DP80390CPU_03 Datasheet HTML 2Page - Digital Core Design DP80390CPU_03 Datasheet HTML 3Page - Digital Core Design DP80390CPU_03 Datasheet HTML 4Page - Digital Core Design DP80390CPU_03 Datasheet HTML 5Page - Digital Core Design DP80390CPU_03 Datasheet HTML 6Page - Digital Core Design DP80390CPU_03 Datasheet HTML 7Page - Digital Core Design DP80390CPU_03 Datasheet HTML 8Page - Digital Core Design DP80390CPU_03 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
PERFORMANCE
The following tables give a survey about the
Core area and performance in ASICs Devices
(CPU features and peripherals have been in-
cluded):
Device
Optimization
Fmax
0.25u typical
area
100 MHz
0.25u typical
speed
250 MHz
Core performance in ASIC devices
For a user the most important is application
speed improvement. The most commonly used
arithmetic functions and theirs improvement
are shown in table below. Improvement was
computed as {80C51 clock periods} divided by
{DP80390CPU clock periods} required to exe-
cute an identical function. More details are
available in core documentation.
Function
Improvement
8-bit addition (immediate data)
9,00
8-bit addition (direct addressing)
9,00
8-bit addition (indirect addressing)
9,00
8-bit addition (register addressing)
12,00
8-bit subtraction (immediate data)
9,00
8-bit subtraction (direct addressing)
9,00
8-bit subtraction (indirect addressing)
9,00
8-bit subtraction (register addressing)
12,00
8-bit multiplication
16,00
8-bit division
9,60
16-bit addition
12,00
16-bit subtraction
12,00
16-bit multiplication
13,60
32-bit addition
12,00
32-bit subtraction
12,00
32-bit multiplication
12,60
Average speed improvement:
11,12
Dhrystone Benchmark Version 2.1 was used to
measure Core performance. The following ta-
ble gives a survey about the DP80390CPU
performance in terms of Dhrystone/sec and
VAX MIPS rating.
Device
Target
Clock
frequency
Dhry/sec
(VAX MIPS)
80C51
-
12 MHz
268 (0.153)
80C310
-
33 MHz
1550 (0.882)
DP80390CPU
0.25u
250 MHz 43700 (24.872)
Core performance in terms of Dhrystones
268
1550
43700
0
5000
10000
15000
20000
25000
30000
35000
40000
45000
80C51 (12MHz)
80C310 (33MHz)
DP80390CPU (250MHz)
Area utilized by the each unit of DP80390CPU
core in vendor specific technologies is summa-
rized in table below.
Area
Component
[Gates]
[FFs]
CPU*
6500
315
Interrupt Controller
350
40
Power Management Unit
50
5
Total area
6900
360
*CPU – consisted of ALU, Opcode Decoder, Control Unit, Program &
Internal & External Memory Interfaces, User SFRs Interface
Core components area utilization



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com