Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 87 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 87 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 83Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 84Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 85Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 86Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 87Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 88Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 89Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 90Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 91Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 210 page
background image
87
AT8xC51SND1C
4109E–8051–06/03
Bulk/Interrupt
Transactions
Bulk and Interrupt transactions are managed in the same way.
Bulk/Interrupt OUT
Transactions in Standard
Mode
Figure 62. Bulk/Interrupt OUT transactions in Standard Mode
An endpoint should be first enabled and configured before being able to receive Bulk or
Interrupt packets.
When a valid OUT packet is received on an endpoint, the RXOUTB0 bit is set by the
USB controller. This triggers an interrupt if enabled. The firmware has to select the cor-
responding endpoint, store the number of data Bytes by reading the UBYCTX register. If
the received packet is a ZLP (Zero Length Packet), the UBYCTX register value is equal
to 0 and no data has to be read.
When all the endpoint FIFO Bytes have been read, the firmware should clear the
RXOUTB0 bit to allow the USB controller to accept the next OUT packet on this end-
point. Until the RXOUTB0 bit has been cleared by the firmware, the USB controller will
answer a NAK handshake for each OUT requests.
If the Host sends more Bytes than supported by the endpoint FIFO, the overflow data
won’t be stored, but the USB controller will consider that the packet is valid if the CRC is
correct and the endpoint Byte counter contains the number of Bytes sent by the Host.
OUT
DATA0 (n Bytes)
ACK
HOST
UFI
C51
Endpoint FIFO Read Byte 1
OUT
DATA1
NAK
RXOUTB0
Endpoint FIFO Read Byte 2
Endpoint FIFO Read Byte n
Clear RXOUTB0
OUT
DATA1
NAK
OUT
DATA1
ACK
RXOUTB0
Endpoint FIFO Read Byte 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com