Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89C51SND1C-ROTIL Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT89C51SND1C-ROTIL
Description  Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51SND1C-ROTIL Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT89C51SND1C-ROTIL Datasheet HTML 87Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 88Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 89Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 90Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 91Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 92Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 93Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 94Page - ATMEL Corporation AT89C51SND1C-ROTIL Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 210 page
background image
91
AT8xC51SND1C
4109E–8051–06/03
Control Transactions
Setup Stage
The DIR bit in the UEPSTAX register should be at 0.
Receiving Setup packets is the same as receiving Bulk Out packets, except that the
RXSETUP bit in the UEPSTAX register is set by the USB controller instead of the
RXOUTB0 bit to indicate that an Out packet with a Setup PID has been received on the
Control endpoint. When the RXSETUP bit has been set, all the other bits of the UEP-
STAX register are cleared and an interrupt is triggered if enabled.
The firmware has to read the Setup request stored in the Control endpoint FIFO before
clearing the RXSETUP bit to free the endpoint FIFO for the next transaction.
Data Stage: Control Endpoint
Direction
The data stage management is similar to Bulk management.
A Control endpoint is managed by the USB controller as a full-duplex endpoint: IN and
OUT. All other endpoint types are managed as half-duplex endpoint: IN or OUT. The
firmware has to specify the control endpoint direction for the data stage using the DIR bit
in the UEPSTAX register.
•
If the data stage consists of INs, the firmware has to set the DIR bit in the UEPSTAX
register before writing into the FIFO and sending the data by setting to 1 the TXRDY
bit in the UEPSTAX register. The IN transaction is complete when the TXCMPL has
been set by the hardware. The firmware should clear the TXCMPL bit before any
other transaction.
•
If the data stage consists of OUTs, the firmware has to leave the DIR bit at 0. The
RXOUTB0 bit is set by hardware when a new valid packet has been received on the
endpoint. The firmware must read the data stored into the FIFO and then clear the
RXOUTB0 bit to reset the FIFO and to allow the next transaction.
To send a STALL handshake, see “STALL Handshake” on page 94.
Status Stage
The DIR bit in the UEPSTAX register should be reset at 0 for IN and OUT status stage.
The status stage management is similar to Bulk management.
•
For a Control Write transaction or a No-Data Control transaction, the status stage
consists of a IN Zero Length Packet (see “Bulk/Interrupt IN Transactions in
Standard Mode” on page 89). To send a STALL handshake, see “STALL
Handshake” on page 94.
•
For a Control Read transaction, the status stage consists of a OUT Zero Length
Packet (see “Bulk/Interrupt OUT Transactions in Standard Mode” on page 87).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com