Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX27L Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # IMX27L
Description  Multimedia Applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX27L Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button IMX27L Datasheet HTML 45Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 46Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 47Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 48Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 49Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 50Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 51Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 52Page - Freescale Semiconductor, Inc IMX27L Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 122 page
background image
Signal Descriptions
i.MX27/i.MX27L Data Sheet, Advance Information, Rev. 1
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
49
Figure 6 depicts Write 1 Sequence timing, Figure 7 depicts the Read Sequence timing, and Table 18 lists
the timing parameters.
Figure 6. Write 1 Sequence Timing Diagram
Figure 7. Read Sequence Timing Diagram
3.5.3
ATA Electrical Specifications
This section describes the electrical information of the Parallel ATA module compliant with ATA/ATAPI-6
specification.
NOTE
The parallel ATA module is not available on the i.MX27L.
Parallel ATA module can work on PIO/Multi-Word DMA/Ultra DMA transfer modes. Each transfer mode
has different data transfer rate, Ultra DMA mode 4 data transfer rate is up to 100 MB/s. Parallel ATA
module interface consist of a total of 29 pins, Some pins act on different function in different transfer
Table 17. WR0 Sequence Timing Parameters
ID
Parameter
Symbol
Min
Typ
Max
Units
OW5
Write 0 Low Time
tWR0_low
60
100
120
μs
OW6
Transmission Time Slot
tSLOT
OW5
117
120
μs
Table 18. Write 1/Read Timing Parameters
ID
Parameter
Symbol
Min
Typ
Max
Units
OW7
Write 1/Read Low Time
tLOW1
15
15
μs
OW8
Transmission Time Slot
tSLOT
60
117
120
μs
OW9
Release Time
tRELEASE
15
45
μs
OW7
OW8
One-Wire bus
(BATT_LINE)
OW7
OW8
OW9
One-Wire bus
(BATT_LINE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com