| Electronic Components Datasheet Search |
|
C167CS-L Datasheet(PDF) 31 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
C167CS-L Datasheet(HTML) 31 Page - Infineon Technologies AG |
|
31 / 81 page ![]() C167CS-4R C167CS-L Data Sheet 27 V2.2, 2001-08 Figure 6 Block Diagram of GPT1 With its maximum resolution of 8 TCL, the GPT2 module provides precise event control and time measurement. It includes two timers (T5, T6) and a capture/reload register (CAPREL). Both timers can be clocked with an input clock which is derived from the CPU clock via a programmable prescaler or with external signals. The count direction (up/ down) for each timer is programmable by software or may additionally be altered dynamically by an external signal on a port pin (TxEUD). Concatenation of the timers is supported via the output toggle latch (T6OTL) of timer T6, which changes its state on each timer overflow/underflow. The state of this latch may be used to clock timer T5, and/or it may be output on pin T6OUT. The overflows/underflows of timer T6 can additionally be used to clock the CAPCOM timers T0 or T1, and to cause a reload from the CAPREL register. The CAPREL register may capture the contents of timer T5 based on an external signal transition on the corresponding port pin (CAPIN), and timer T5 may optionally be cleared T3 Mode Control 2n : 1 f CPU 2n : 1 f CPU T2 Mode Control GPT1 Timer T2 Reload Capture 2n : 1 f CPU T4 Mode Control GPT1 Timer T4 Reload Capture GPT1 Timer T3 T3OTL U/D T2EUD T2IN T3IN T3EUD T4IN T4EUD T3OUT Toggle FF U/D U/D Interrupt Request (T2IR) Interrupt Request (T3IR) Interrupt Request (T4IR) MCT04825 n = 3 … 10 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |