Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 3 Page - STMicroelectronics

  STE10 Datasheet HTML 1Page - STMicroelectronics STE10 Datasheet HTML 2Page - STMicroelectronics STE10 Datasheet HTML 3Page - STMicroelectronics STE10 Datasheet HTML 4Page - STMicroelectronics STE10 Datasheet HTML 5Page - STMicroelectronics STE10 Datasheet HTML 6Page - STMicroelectronics STE10 Datasheet HTML 7Page - STMicroelectronics STE10 Datasheet HTML 8Page - STMicroelectronics STE10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
3/66
STE10/100
2.7 Miscellaneous
s
ACPI and PCI compliant power management functions offer significant power-savings performance
s
Provides general purpose timers
s
128-pin QFP package
Figure 2. System Diagram of the STE10/100
STE10/100
Serial
EEPROM
Boot ROM
LEDs
25 MHz
Crystal
Xfmr
Medium
PCI
Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com