Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE10 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STE10
Description  PCI 10/100 ETHERNET CONTROLLER WITH INTEGRATED PHY 5V
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE10 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STE10 Datasheet HTML 28Page - STMicroelectronics STE10 Datasheet HTML 29Page - STMicroelectronics STE10 Datasheet HTML 30Page - STMicroelectronics STE10 Datasheet HTML 31Page - STMicroelectronics STE10 Datasheet HTML 32Page - STMicroelectronics STE10 Datasheet HTML 33Page - STMicroelectronics STE10 Datasheet HTML 34Page - STMicroelectronics STE10 Datasheet HTML 35Page - STMicroelectronics STE10 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
STE10/100
32/66
11
PDEN
Power down mode control.
1: transceiver power-down mode is selected. In this mode, the
STE10/100 transceivers are turned off.
0
R/W
10
---
reserved
0
RO
9
RSAN
Re-Start Auto-Negotiation process control.
1: Auto-negotiation process will be restarted. This bit will be
cleared by STE10/100 after the Auto-negotiation has
restarted.
0
R/W
8
DPSEL
Full/Half duplex mode select.
1: full duplex mode is selected. This bit will be ignored if Auto-
Negotiation is enabled (ANEN, XR0 bit 12).
0
R/W
7
COLEN
Collision test control.
1: collision test is enabled.
0
R/W
6~0
---
reserved
0
RO
R/W = Read/Write able. RO = Read Only.
XR1(offset = b8h) - XSR, XCVR Status Register. All the bits of this register are read only.
15
T4
100BASE-T4 ability.
Always 0, since STE10/100 has no T4 ability.
0RO
14
TXFD
100BASE-TX full duplex ability.
Always 1, since STE10/100 has 100BASE-TX full duplex
ability.
1RO
13
TXHD
100BASE-TX half duplex ability.
Always 1, since STE10/100 has 100BASE-TX half duplex
ability.
1RO
12
10FD
10BASE-T full duplex ability.
Always 1, since STE10/100 has 10Base-T full duplex ability.
1RO
11
10HD
10BASE-T half duplex ability.
Always 1, since STE10/100 has 10Base-T half duplex ability.
1RO
10~6
---
reserved
0
RO
5
ANC
Auto-Negotiation Completed.
0: Auto-Negotiation process incomplete.
1: Auto-Negotiation process complete.
0RO
4
RF
Result of remote fault detection.
0: no remote fault condition detected.
1: remote fault condition detected.
0
RO/LH*
3
AN
Auto-Negotiation ability.
Always 1, since STE10/100 has Auto-negotiation ability.
1RO
2
LINK
Link status.
0: a link failure condition occurred. Readin clears this bit.
1: valid link established.
0
RO/LL*
1
JAB
Jabber detection.
1: jabber condition detected (10Base-T only).
0
RO/LH*
Table 8. Transceiver registers Descriptions
Bit #
Name
Descriptions
Default Val
RW Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com