Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1502SA Datasheet(PDF) 1 Page - Anachip Corp

Part # AP1502SA
Description  200KHZ, 2A PWM BUCK DC/DC CONVERTER & 1 LINEAR CTRL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1502SA Datasheet(HTML) 1 Page - Anachip Corp

  AP1502SA Datasheet HTML 1Page - Anachip Corp AP1502SA Datasheet HTML 2Page - Anachip Corp AP1502SA Datasheet HTML 3Page - Anachip Corp AP1502SA Datasheet HTML 4Page - Anachip Corp AP1502SA Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image

  
!"#$
                  
         
   !!
"#$
!
 
   
 

        !"

#!"   
 $ %
 &&'()$&%*+ ,( *-,.
/(0( ,0,
1( ,2345
  ,"6
, #
71,8 
  ".0
9 ,( ,(
!
   
10: (**,,.  
, ,(  
 ,
!
    
/(#& 0(,;( *
     , /( 
  ". *    #  (
,0<, (
0"*+,0(",,
"./(+( *,,
" , ".  ,   ( ,0 
". 0 /(  ,0 08
*",8,(  
( +      ,
*, (0 (     
0   *0 0   ,
0 , *(
,(/(#&  ,(
*-,. * &&'() (    0 )
*,0( (  " (
 *-,. ,(  (*
,   $ % ,  
   ,*     
 ,  $&%  ( ,
*-,. /(   , *+ 
     !" . /( 
,".* +44
(,(  ,0&0#=&0#*
#& #& #/(,8 "
17,8 
!
   
17
7

>


?
@/
A9
34
A9
4%&

2/ 5
B4<
!
     



  
@/
1 ,( 
B4<
B
A9
A9
 *",8,
34
4CAA1( 
4
< 3+44


Similar Part No. - AP1502SA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501 ANACHIP-AP1501 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
logo
Diodes Incorporated
AP1501 DIODES-AP1501 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
AP1501 DIODES-AP1501 Datasheet
410Kb / 13P
150KHZ, 3A PWM BUCK DC/DC CONVERTER
Rev. 14 - 2 March 2021
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
Simple high-efficiency step-down (buck) regulator
logo
Anachip Corp
AP1501-12K5 ANACHIP-AP1501-12K5 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
More results

Similar Description - AP1502SA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP2006 ANACHIP-AP2006 Datasheet
182Kb / 7P
200KHz, PWM Buck DC/DC & Linear Controller
Rev.1.1 Nov 17, 2004
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
2A PWM BUCK DC-DC Converter
VER 1.2
logo
Unisonic Technologies
P1595 UTC-P1595 Datasheet
180Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1595 UTC-P1595_11 Datasheet
258Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1696_1109 UTC-P1696_1109 Datasheet
223Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
logo
Advanced Power Electron...
APE1720 A-POWER-APE1720 Datasheet
453Kb / 8P
200KHz, 1.5A PWM Buck DC/DC Converter
APE1723 A-POWER-APE1723 Datasheet
349Kb / 10P
200KHz, 1A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P1595 UTC-P1595_15 Datasheet
268Kb / 6P
200KHZ, 1.5A PWM BUCK DC/DC CONVERTER
P1696 UTC-P1696_13 Datasheet
248Kb / 7P
200KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
2A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com