Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6210 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6210
Description  Dual Schottky diode bridge
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6210 Datasheet(HTML) 1 Page - STMicroelectronics

  L6210_08 Datasheet HTML 1Page - STMicroelectronics L6210_08 Datasheet HTML 2Page - STMicroelectronics L6210_08 Datasheet HTML 3Page - STMicroelectronics L6210_08 Datasheet HTML 4Page - STMicroelectronics L6210_08 Datasheet HTML 5Page - STMicroelectronics L6210_08 Datasheet HTML 6Page - STMicroelectronics L6210_08 Datasheet HTML 7Page - STMicroelectronics L6210_08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2008
Rev 2
1/8
8
L6210
Dual Schottky diode bridge
Features
■ Monolithic array of eight Schottky diodes
■ High efficiency
■ 4 A peak current
■ Low forward voltage
■ Fast recovery
■ Time two separated diode bridges
Description
The L6210 is a monolithic IC containing eight
Schottky diodes arranged as two separated diode
bridges.
This diodes connection makes this device
versatile in many applications.
They are used particular in bipolar stepper motor
applications, where high efficient operation, due
to low forward voltage drop and fast reverse
recovery time, are required.
The L6210 is available in a 16 pin powerdip
package (12 + 2 + 2) designed for the 0 to 70°C
ambient temperature range.
PDIP 16
Table 1. Device summary
Order code
Package
Packing
E-L6210
PDIP 16
Tube
www.st.com


Similar Part No. - L6210_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6210 STMICROELECTRONICS-L6210 Datasheet
99Kb / 5P
DUAL SCHOTTKY DIODE BRIDGE
Apr-1993
More results

Similar Description - L6210_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6210 STMICROELECTRONICS-L6210 Datasheet
99Kb / 5P
DUAL SCHOTTKY DIODE BRIDGE
Apr-1993
logo
Texas Instruments
UC1610 TI-UC1610 Datasheet
162Kb / 3P
Dual Schottky Diode Bridge
logo
Allegro MicroSystems
8920 ALLEGRO-8920 Datasheet
39Kb / 2P
DUAL SCHOTTKY DIODE
logo
Texas Instruments
UC3612 TI-UC3612 Datasheet
84Kb / 3P
Dual Schottky Diode
logo
Guangdong Kexin Industr...
BAT14-099 KEXIN-BAT14-099 Datasheet
36Kb / 1P
Silicon Dual Schottky Diode
logo
Texas Instruments
UC1610 TI1-UC1610_12 Datasheet
647Kb / 13P
DUAL SCHOTTKY DIODE BRIDGE
logo
Thinki Semiconductor Co...
MBRF20100CTR THINKISEMI-MBRF20100CTR Datasheet
317Kb / 2P
20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
SDB20100PR THINKISEMI-SDB20100PR Datasheet
427Kb / 2P
20 Ampere Dual Common Anode Schottky Half Bridge Rectifier Diode
logo
ON Semiconductor
1SS383T1G ONSEMI-1SS383T1G Datasheet
43Kb / 2P
Dual Schottky Diode
March, 2006 ??Rev. 2
logo
Texas Instruments
UA1612 TI1-UA1612 Datasheet
103Kb / 4P
Dual Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com