Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T56 Datasheet(PDF) 16 Page - STMicroelectronics

Part # M41T56
Description  Serial real-time clock with 56 bytes NVRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M41T56_07 Datasheet HTML 12Page - STMicroelectronics M41T56_07 Datasheet HTML 13Page - STMicroelectronics M41T56_07 Datasheet HTML 14Page - STMicroelectronics M41T56_07 Datasheet HTML 15Page - STMicroelectronics M41T56_07 Datasheet HTML 16Page - STMicroelectronics M41T56_07 Datasheet HTML 17Page - STMicroelectronics M41T56_07 Datasheet HTML 18Page - STMicroelectronics M41T56_07 Datasheet HTML 19Page - STMicroelectronics M41T56_07 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Maximum rating
M41T56
16/25
4
Maximum rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Caution:
Negative undershoots below –0.3V are not allowed on any pin while in the battery back-up
mode.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TA
Ambient operating temperature
–40 to 85
°C
TSTG
Storage temperature (VCC off, oscillator off)
–55 to 125
°C
TSLD
(1)
1.
For SO package, Lead-free (Pb-free) lead finish: Reflow at peak temperature of 260°C (total thermal
budget not to exceed 245°C for greater than 30 seconds).
Lead solder temperature for 10 seconds
260
°C
VIO
Input or output voltages
–0.3 to 7
V
VCC
Supply voltage
–0.3 to 7
V
IO
Output current
20
mA
PD
Power dissipation
0.25
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com