Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T56 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41T56
Description  Serial real-time clock with 56 bytes NVRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T56 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41T56_07 Datasheet HTML 14Page - STMicroelectronics M41T56_07 Datasheet HTML 15Page - STMicroelectronics M41T56_07 Datasheet HTML 16Page - STMicroelectronics M41T56_07 Datasheet HTML 17Page - STMicroelectronics M41T56_07 Datasheet HTML 18Page - STMicroelectronics M41T56_07 Datasheet HTML 19Page - STMicroelectronics M41T56_07 Datasheet HTML 20Page - STMicroelectronics M41T56_07 Datasheet HTML 21Page - STMicroelectronics M41T56_07 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
DC and AC parameters
M41T56
18/25
Figure 14.
Power down/up mode AC waveforms
Table 7.
DC characteristics
Symbol
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V (except where noted).
Min
Typ
Max
Unit
ILI
Input leakage current
0V
≤ VIN ≤ VCC
±1
µA
ILO
Output leakage current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
Supply current
Switch frequency = 100kHz
300
µA
ICC2
Supply current (standby)
SCL, SDA = VCC – 0.3V
100
µA
VIL
Input low voltage
–0.3
1.5
V
VIH
Input high voltage
3
VCC + 0.8
V
VOL
Output low voltage
IOL = 5mA, VCC = 4.5V
0.4
V
VBAT
(2)
2.
STMicroelectronics recommends the RAYOVAC BR1225 or BR1632 (or equivalent) as the battery supply.
Battery supply voltage
2.5
3
3.5
V
IBAT
Battery supply current
TA = 25°C, VCC = 0V,
oscillator ON, VBAT = 3V
450
550
nA
Table 8.
Crystal electrical characteristics
Symbol
Parameter(1)(2)
1.
These values are externally supplied for the SO8 package. STMicroelectronics recommends the KDS DT-
38: 1TA/1TC252E127, Tuning Fork Type (thru-hole) or the DMX-26S: 1TJS125FH2A212, (SMD) quartz
crystal for industrial temperature operations. For contact information on this crystal type, see Section 8:
References on page 23.
2.
Load capacitors are integrated within the M41T56. Circuit board layout considerations for the 32.768 kHz
crystal of minimum trace lengths and isolation from RF generating signals should be taken into account.
Min
Typ
Max
Unit
fO
Resonant frequency
32.768
kHz
RS
Series resistance
60
k
Ω
CL
Load capacitance
12.5
pF
AI00595
VCC
tFB
tREC
tPD
tRB
VPFD
VSO
DATA RETENTION TIME
SDA
SCL
IBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com