Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T82 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M41T82_08 Datasheet HTML 5Page - STMicroelectronics M41T82_08 Datasheet HTML 6Page - STMicroelectronics M41T82_08 Datasheet HTML 7Page - STMicroelectronics M41T82_08 Datasheet HTML 8Page - STMicroelectronics M41T82_08 Datasheet HTML 9Page - STMicroelectronics M41T82_08 Datasheet HTML 10Page - STMicroelectronics M41T82_08 Datasheet HTML 11Page - STMicroelectronics M41T82_08 Datasheet HTML 12Page - STMicroelectronics M41T82_08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
M41T82 M41T83
Description
9/58
Figure 3.
SO8 (M) connections (M41T82)
1.
Open drain output
Figure 4.
QFN16 (QA) connections (M41T83)
1.
Open drain output
2.
Defaults to 32 Hz on power-up.
Figure 5.
SOX18 (MY) connections (M41T83)
1.
NF pins must be tied to VSS. Pins 2 and 3, and 16 and 17 are internally shorted together.
2.
Open drain output
3.
Do not use (must be tied to VCC)
4.
Defaults to 32 KHz on power-up.
2
3
45
6
8
7
1
FT/RST
(1)
SDA
VBAT
SCL
VSS
XO
XI
VCC
M41T82
AI11199
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
RST
(1)
NC
SQW
(2)
NC
IRQ2
(1)
SCL
SDA
IRQ1/FT/OUT
(1)
AI11197
M41T83
8
2
3
4
5
6
7
9
12
11
10
18
17
16
15
14
13
1
NF
(1)
DU
(3)
SQW
(4)
NC
RST
(2)
IRQ2
(2)
SCL
SDA
VSS
VBAT
NF
(1)
NC
VCC
M41T83
IRQ1/FT/OUT
(2)
NF
(1)
NF
(1)
NC
NC
AI11198



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com