Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T82 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T82
Description  Serial I2C bus RTC with battery switchover
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T82 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T82_08 Datasheet HTML 1Page - STMicroelectronics M41T82_08 Datasheet HTML 2Page - STMicroelectronics M41T82_08 Datasheet HTML 3Page - STMicroelectronics M41T82_08 Datasheet HTML 4Page - STMicroelectronics M41T82_08 Datasheet HTML 5Page - STMicroelectronics M41T82_08 Datasheet HTML 6Page - STMicroelectronics M41T82_08 Datasheet HTML 7Page - STMicroelectronics M41T82_08 Datasheet HTML 8Page - STMicroelectronics M41T82_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 58 page
background image
April 2008
Rev 7
1/58
1
M41T82
M41T83
Serial I2C bus RTC with battery switchover
Features
■ Ultra-low battery supply current of 365 nA
■ Factory calibrated accuracy
±5 PPM
guaranteed after 2 reflows (SOX18)
– Much better accuracies achievable using
built-in programmable analog and digital
calibration circuits
■ 2.0 V to 5.5 V clock operating voltage
■ Counters for tenths/hundredths of seconds,
seconds, minutes, hours, day, date, month,
year, and century
■ Automatic switchover and reset output circuitry
(fixed reference)
–M41T83S
VCC = 3.00 V to 5.50 V
(2.85 V
≤ VRST ≤ 3.00 V)
–M41T83R
VCC = 2.70 V to 5.50 V
(2.55 V
≤ VRST ≤ 2.70 V)
–M41T83Z
VCC = 2.38 V to 5.50 V
(2.25 V
≤ VRST ≤ 2.38 V)
■ Serial interface supports I2C Bus (400 kHz
protocol)
■ Programmable alarm with interrupt function
(valid even during battery back-up mode)
■ Optional 2nd programmable alarm available
■ Square wave output defaults to 32 KHz on
power-up (M41T83 only)
■ RESET (RST) output
■ Watchdog timer
■ Programmable 8-bit counter/timer
■ 7 bytes of battery-backed user SRAM
■ Battery low flag
■ Power-down time stamp (HT bit)
■ Low operating current of 80 µA
■ Oscillator stop detection
■ Battery or Super-cap™ back-up
■ Operating temperature of –40°C to 85°C
■ Package options include:
– a 16-lead QFN (M41T83),
– an 18-lead embedded crystal SOIC
(M41T83), or
– an 8-lead SOIC (M41T82)
■ RoHS compliance: lead-free components are
compliant with the RoHS directive
SOX18 (MY, 18-pin, 300 mil SOIC
QFN16, 4 mm x 4 mm (QA)
SO8 (M)
1
18
with embedded crystal)
(VFQFPN16)
www.st.com


Similar Part No. - M41T82_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T82RM6E STMICROELECTRONICS-M41T82RM6E Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
M41T82RM6E STMICROELECTRONICS-M41T82RM6E Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
M41T82RM6F STMICROELECTRONICS-M41T82RM6F Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
M41T82RM6F STMICROELECTRONICS-M41T82RM6F Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
M41T82RM6F STMICROELECTRONICS-M41T82RM6F Datasheet
1Mb / 64P
Serial I2C bus real-time clock (RTC) with battery switchover
08-Apr-2024
More results

Similar Description - M41T82_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T82 STMICROELECTRONICS-M41T82 Datasheet
453Kb / 58P
Serial RTC with battery switchover
08-Mar-2007
M41ST84W STMICROELECTRONICS-M41ST84W Datasheet
481Kb / 29P
3.0/3.3V I2C Serial RTC with Supervisory Functions
Jan-2006
M41T93 STMICROELECTRONICS-M41T93 Datasheet
416Kb / 49P
Serial SPI bus RTC with battery switchover
07-Aug-2006
STM690 STMICROELECTRONICS-STM690_06 Datasheet
657Kb / 32P
3V Supervisor with Battery Switchover
31-Oct-2003
M41T93 STMICROELECTRONICS-M41T93_07 Datasheet
382Kb / 51P
Serial SPI bus RTC with battery switchover
22-Oct-2007
M41T93 STMICROELECTRONICS-M41T93_08 Datasheet
446Kb / 51P
Serial SPI bus RTC with battery switchover
15-Aug-2008
M41T82 STMICROELECTRONICS-M41T82_10 Datasheet
989Kb / 61P
Serial I2C bus RTC with battery switchover
19-Oct-2010
M41T83 STMICROELECTRONICS-M41T83_12 Datasheet
1,001Kb / 62P
Serial I2C bus real-time clock (RTC) with battery switchover
26-Oct-2012
M41T93 STMICROELECTRONICS-M41T93_11 Datasheet
787Kb / 51P
Serial SPI bus real-time clock with battery switchover
12-Oct-2011
logo
Rohm
BU9873 ROHM-BU9873 Datasheet
1Mb / 40P
I2C BUS Serial Interface RTC with High-precision Oscillation Adjustment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com