Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOTG04ESQTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # STOTG04ESQTR
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04ESQTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STOTG04ESQTR Datasheet HTML 12Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 13Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 14Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 15Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 16Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 17Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 18Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 19Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Block description
STOTG04ES
16/26
The RCV signal is active in the VP_VM mode only. Its output driver is controlled by the OE_TP_INT/
signal. Operating modes are described below. The meanings of the DAT_VP and SE0_VM signals
depend on the mode of operation. Both of these signals can be bidirectional or unidirectional. The
direction is controlled by bidi_en Bit of Control Register 3 (described later). When these signals are
bidirectional, the direction is controlled by the OE_TP_INT/ signal (see Tables 11 and 12).
The actual mode of operation is controlled by the dat_se0 Bit of Control Register 1 (see Tables 11 and 12)
Table 11.
DAT_SE0 (dat_se0 = 1)
Table 12.
VP_VM (dat_se0 = 0)
* State of the OE_TP_INT/ signal.
In the USB mode of operation it is necessary to control the rise and fall times of the transmission driver.
These times are different for low-speed and full-speed USB settings. Selection of actual USB speed can
be done using the bit speed of Control Register 1 or/and the SPEED pin (see table 13).
Table 13.
USB Speed Selection
6.7.3
UART Mode
The actual mode of operation is selectable by the transp_en and uart_en Bits of Control Register 1 (see
table 14).
Table 14.
Transceiver modes
(1) In reality, it is not possible to set both these bits at the same time. In this case, only uart_en bit will remain set.
In the UART mode it is possible to select driver direction on both the D+ and D– pins. The selection is
done using the bdir[1] and bdir[0] Bits of Control Register 3 (see table 15).
bidi_en
OE/*
DAT_VP
SE0_VM
1
0
Differential driver input
SE0 driver input
1
Differential receiver output
SE0 detector output
0
X
Differential driver input
SE0 driver input
bidi_en
OE/*
DAT_VP
SE0_VM
1
0
D+ driver input
D- driver input
1
D+ receiver output
D- receiver output
0
X
D+ driver input
D- driver input
speed bit
SPEED Pin
USB Mode
0X
low-speed
X0
1
1
full-speed
transp_en
uart_en
STOTG04 Mode
00
USB
01
UART
1
0
FORBIDDEN
11
UART (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com