Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STOTG04ESQTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # STOTG04ESQTR
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04ESQTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STOTG04ESQTR Datasheet HTML 17Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 18Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 19Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 20Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 21Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 22Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 23Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 24Page - STMicroelectronics STOTG04ESQTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
STOTG04ES
Block description
21/26
6.12
External charge pump switch
The ADR_PSW pin has two functions. State of this pin is always latched into a register on the rising edge
of the RESET/ signal. The latched value is used as a least significant bit of the I2C address. After the
address is latched, this pin can be set as an output by setting the PSW_EN bit of the Control Register 3.
Output value of the pin is low when the pin is high during reset; otherwise the output is high.
Example connection of an external charge pump is shown in following figure. When the charge pump
control signal would be active high, the ADR_PSW pin should be pulled down instead of high.
Figure 13. External charge pump application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com