Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1747DP Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDE1747DP
Description  Interface circuit - relay and lamp-driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1747DP Datasheet(HTML) 1 Page - STMicroelectronics

  TDE1747DP Datasheet HTML 1Page - STMicroelectronics TDE1747DP Datasheet HTML 2Page - STMicroelectronics TDE1747DP Datasheet HTML 3Page - STMicroelectronics TDE1747DP Datasheet HTML 4Page - STMicroelectronics TDE1747DP Datasheet HTML 5Page - STMicroelectronics TDE1747DP Datasheet HTML 6Page - STMicroelectronics TDE1747DP Datasheet HTML 7Page - STMicroelectronics TDE1747DP Datasheet HTML 8Page - STMicroelectronics TDE1747DP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
September 2006
Rev 1
1/17
17
TDE1747
Interface circuit - relay and lamp-driver
Features
■ Open ground protection
■ High output current
■ Adjustable short-circuit protection to ground
■ Thermal protection with hysteresis to avoid the
intermediate output levels
■ Large supply voltage range: + 8V to +45V
■ Short-circuit protection to VCC
Description
The TDE1747 is a monolithic comparator
designed for high current and high voltage
applications, specifically to drive lamps, relays,
stepping motors.
This device is essentially blow-out proof. Current
limiting is available to limit the peak output current
to safe values.
Adjustment only requires one external resistor. In
addition, thermal shut down is provided to keep
the IC from overheating. If internal dissipation
becomes too high, the driver will shut down to
prevent excessive heating. TDE1747 has an open
ground protection. The output is also protected
from shortcircuits with the positive power supply.
The device operates over a wide range of supply
voltages from standard
± 15V operational
amplifier supplies down to the single +12V or
+24V used for industrial electronic systems.
.
Order codes
SO14
DIP-8
Part number
Temp range,
° CPackage
Packing
TDE1747DP
-25°C to +85°C
DIP-8
Tube
TDE1747FP
-25°C to +85°C
SO14
Tube
TDE1747FPT
-25°C to +85°C
SO14
Tape and reel
www.st.com


Similar Part No. - TDE1747DP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1747DP STMICROELECTRONICS-TDE1747DP Datasheet
444Kb / 10P
INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
Sep-1988
TDE1747DP STMICROELECTRONICS-TDE1747DP Datasheet
166Kb / 11P
INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
Nov-1991
More results

Similar Description - TDE1747DP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDE1647 STMICROELECTRONICS-TDE1647 Datasheet
444Kb / 10P
INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
Sep-1988
TDE1737 STMICROELECTRONICS-TDE1737 Datasheet
134Kb / 7P
INTERFACE CIRCUIT - RELAY AND LAMP-DRIVER
Oct-1991
TDE1747 STMICROELECTRONICS-TDE1747 Datasheet
166Kb / 11P
INTERFACE CIRCUIT - RELAY AND LAMP - DRIVER
Nov-1991
TDE1767 STMICROELECTRONICS-TDE1767 Datasheet
127Kb / 10P
INTERFACE CIRCUIT RELAY AND LAMP-DRIVER
Mar-1993
logo
ATMEL Corporation
U6809B ATMEL-U6809B Datasheet
257Kb / 16P
FAIL-SAFE IC WITH RELAY DRIVER AND LAMP DRIVER
logo
STMicroelectronics
TDE3247 STMICROELECTRONICS-TDE3247 Datasheet
405Kb / 15P
Interface circuit (relay and lamp driver)
27-Jun-2006
logo
ATMEL Corporation
ATA6809 ATMEL-ATA6809 Datasheet
317Kb / 16P
Fail-safe IC with Relay Driver and Lamp Driver
logo
Toshiba Semiconductor
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
logo
STMicroelectronics
TDE1737 STMICROELECTRONICS-TDE1737_06 Datasheet
356Kb / 13P
Interface circuit - relay and lamp-driver
30-May-2006
TDE1767 STMICROELECTRONICS-TDE1767_07 Datasheet
190Kb / 16P
Interface circuit (relay and Lamp-driver)
03-Mar-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com