Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDE1747DP Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDE1747DP
Description  Interface circuit - relay and lamp-driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDE1747DP Datasheet(HTML) 3 Page - STMicroelectronics

  TDE1747DP Datasheet HTML 1Page - STMicroelectronics TDE1747DP Datasheet HTML 2Page - STMicroelectronics TDE1747DP Datasheet HTML 3Page - STMicroelectronics TDE1747DP Datasheet HTML 4Page - STMicroelectronics TDE1747DP Datasheet HTML 5Page - STMicroelectronics TDE1747DP Datasheet HTML 6Page - STMicroelectronics TDE1747DP Datasheet HTML 7Page - STMicroelectronics TDE1747DP Datasheet HTML 8Page - STMicroelectronics TDE1747DP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TDE1747
Maximum ratings
3/17
1
Maximum ratings
1.1
Absolute maximum ratings
1.2
Thermal data
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
50 (1)
1.
60V, t
≤10ms
V
VI
Input voltage
50
V
VID
Differential input voltage
50
V
IO
Output current
1
A
Ptot
Power dissipation (TA = +25°C)
Internally Limited
W
Toper
Operating Free–air Temperature Range
– 25 to + 85
°C
TSTG
Storage temperature range
– 65 to + 150
°C
Table 2.
Thermal data
Symbol
Description
Value
Unit
RthJA
Thermal Resistance Junction-ambient
120
°C/W
RthJC
Thermal Resistance Junction-case
50
°C/W
Rth
Junction-ceramic Substrate (case glued to substrate) SO14
90
°C/W
Rth
Junction-ceramic Substrate (case glued to substrate, substrate
temperature maintained constant) SO14
65
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com