Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV914 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSV914
Description  High performance CMOS quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV914 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSV914 Datasheet HTML 2Page - STMicroelectronics TSV914 Datasheet HTML 3Page - STMicroelectronics TSV914 Datasheet HTML 4Page - STMicroelectronics TSV914 Datasheet HTML 5Page - STMicroelectronics TSV914 Datasheet HTML 6Page - STMicroelectronics TSV914 Datasheet HTML 7Page - STMicroelectronics TSV914 Datasheet HTML 8Page - STMicroelectronics TSV914 Datasheet HTML 9Page - STMicroelectronics TSV914 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
TS274
6/14
Figure 3.
Supply current (each amplifier) vs.
supply voltage
Figure 4.
High level output voltage vs. high
level output current
CC
SUPPLY VOLTAGE, V
(V)
T
= 25°C
A = 1
V = V
/ 2
amb
V
2.0
1.5
1.0
0.5
0
4
8
12
16
O
CC
20
16
12
8
4
0
-50
-40
-30
-20
-10
0
amb
id
T
= 25˚C
V
= 100mV
V
= 16V
CC
OUTPUT CURRENT, I
(mA)
OH
CC
V
= 10V
Figure 5.
Input bias current vs. free-air
temperature
Figure 6.
Low level output voltage vs. low
level output current
25
50
75
100
125
100
10
1
CC
ic
V
= 10V
V = 5V
amb
TEMPERATURE, T
(˚C)
1.0
0.8
0.6
0.4
0.2
amb
ic
id
T
= 25°C
V = 0.5V
V = -100mV
V
= 3V
V
= 5V
CC
CC
0
1
2
3
OUTPUT CURRENT, I
(mA)
OL
Figure 7.
High level output voltage vs. high
level output current
Figure 8.
Low level output voltage vs. low
level output current
5
4
3
2
1
0
-10
-8
-6
-4
-2
0
amb
id
T
= 25˚C
V
= 100mV
V
= 5V
CC
OH
OUTPUT CURRENT, I
(mA)
CC
V
= 3V
0
4
8
12
16
20
amb
id
i
T
= 25°C
V = 0.5V
V = -100mV
CC
V
= 10V
CC
V
= 16V
OUTPUT CURRENT, I
(mA)
OL
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com