Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSV914 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSV914
Description  High performance CMOS quad operational amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV914 Datasheet(HTML) 2 Page - STMicroelectronics

  TSV914 Datasheet HTML 1Page - STMicroelectronics TSV914 Datasheet HTML 2Page - STMicroelectronics TSV914 Datasheet HTML 3Page - STMicroelectronics TSV914 Datasheet HTML 4Page - STMicroelectronics TSV914 Datasheet HTML 5Page - STMicroelectronics TSV914 Datasheet HTML 6Page - STMicroelectronics TSV914 Datasheet HTML 7Page - STMicroelectronics TSV914 Datasheet HTML 8Page - STMicroelectronics TSV914 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute maximum ratings and operating conditions
TS274
2/14
1
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings (AMR)
Symbol
Parameter
TS274C/AC
TS274I/AI
Unit
VCC
+
Supply voltage (1)
1.
All values, except differential voltage are with respect to network ground terminal.
18
V
Vid
Differential input voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
Vin
Input voltage (3)
3.
The magnitude of the input and the output voltages must never exceed the magnitude of the positive
supply voltage.
-0.3 to 18
V
Io
Output current for VCC
+ ≥ 15V
±30
mA
Iin
Input current
±5
mA
Toper
Operating free-air temperature range
0 to +70
-40 to +125
°C
Tstg
Storage temperature range
-65 to +150
°C
Rthja
Thermal resistance junction to ambient(4)
SO-14
TSSOP14
DIP14
4.
Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
103
100
80
°C/W
Rthjc
Thermal resistance junction to case
SO-14
TSSOP14
DIP14
31
32
33
°C/W
ESD
HBM: human body model(5)
5.
Human body model: A 100pF capacitor is charged to the specified voltage, then discharged through a
1.5k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
500
V
MM: machine model(6)
6.
Machine model: A 200pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating.
100
V
CDM: charged device model(7)
7.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
800
V
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
+
Supply voltage
3 to 16
V
Vicm
Common mode input voltage range
0 to VCC
+ - 1.5
V
Toper
Operating free-air temperature range
TS274C
TS274I
0 to 70
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com