Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS512IDT Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS512IDT
Description  Precision dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512IDT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS512IDT Datasheet HTML 3Page - STMicroelectronics TS512IDT Datasheet HTML 4Page - STMicroelectronics TS512IDT Datasheet HTML 5Page - STMicroelectronics TS512IDT Datasheet HTML 6Page - STMicroelectronics TS512IDT Datasheet HTML 7Page - STMicroelectronics TS512IDT Datasheet HTML 8Page - STMicroelectronics TS512IDT Datasheet HTML 9Page - STMicroelectronics TS512IDT Datasheet HTML 10Page - STMicroelectronics TS512IDT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TS512
Electrical characteristics
7/16
Figure 8.
Supply current (per operator) vs.
input common mode voltage at
VCC=10V
Figure 9.
Supply current (per operator) vs.
input common mode voltage at
VCC=30V
1
12
23
34
45
56
67
78
89
910
10
0.25
0.30
0.30
0.35
0.40
0.40
0.45
0.50
0.50
T=-40°C
Follower configuration
V
cc
= 10 V
T=125°C
T=25°C
Input Common Mode Voltage (V)
0
05
510
10
15
15
20
20
25
25
30
30
0.25
0.30
0.30
0.35
0.40
0.40
0.45
0.50
0.50
0.55
T=-40°C
Follower configuration
V
cc
= 30 V
T=125°C
T=25°C
Input Common Mode Voltage (V)
Figure 10.
Output current vs. supply voltage at
Vicm=VCC/2
Figure 11.
Output current vs. output voltage at
VCC =6V
10.0
10.0
15.0
15.0
20.0
20.0
25.0
25.0
30.0
30.0
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
T=125°C
T=25°C
T=-40°C
Sink
Vid = -1V
Source
Vid = 1V
T=-40°C
T=25°C
T=125°C
V
icm
= V
cc
/2
Supply voltage (V)
0
01
12
23
34
45
56
6
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
Source
V
id
= 1V
Sink
V
id
= -1V
T=-40°C
T=25°C
T=125°C
T=-40°C
V
cc
= 6 V
T=125°C
T=25°C
Output Voltage (V)
Figure 12.
Output current vs. output voltage at
VCC = 10V
Figure 13.
Output current vs. output voltage at
VCC =30V
0
02
24
46
68
810
10
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
Source
V
id
= 1V
Sink
V
id
= -1V
T=-40°C
T=25°C
T=125°C
T=-40°C
V
cc
= 10 V
T=125°C
T=25°C
Output Voltage (V)
0
05
510
10
15
15
20
20
25
25
30
30
-40
-40
-30
-20
-20
-10
0
0
10
20
20
30
40
40
Source
V
id
= 1V
Sink
V
id
= -1V
T=-40°C
T=25°C
T=125°C
T=-40°C
V
cc
= 30 V
T=125°C
T=25°C
Output Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com