Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS512IDT Datasheet(PDF) 15 Page - STMicroelectronics

Part # TS512IDT
Description  Precision dual operational amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS512IDT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TS512IDT Datasheet HTML 8Page - STMicroelectronics TS512IDT Datasheet HTML 9Page - STMicroelectronics TS512IDT Datasheet HTML 10Page - STMicroelectronics TS512IDT Datasheet HTML 11Page - STMicroelectronics TS512IDT Datasheet HTML 12Page - STMicroelectronics TS512IDT Datasheet HTML 13Page - STMicroelectronics TS512IDT Datasheet HTML 14Page - STMicroelectronics TS512IDT Datasheet HTML 15Page - STMicroelectronics TS512IDT Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
TS512
Ordering information
15/16
6
Ordering information
7
Revision history
Table 7.
Order codes
Order code
Temperature
range
Package
Packaging
Marking
TS512IN
-40°C, + 125°C
DIP8
Tube
512IN
TS512AIN
512AIN
TS512ID
TS512IDT
SO-8
Tube or
Tape & reel
512I
TS512AID-DT
512AI
TS512IYD(1)
TS512IYDT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent are on-going.
SO-8
(Automotive grade)
Tube or
Tape & reel
512IY
TS512AIYD(1)
TS512AIYDT(1)
512AIY
Table 8.
Document revision history
Date
Revision
Changes
21-Nov-2001
1
Initial release.
23-Jun-2005
2
PPAP references inserted in the datasheet, see Table 7: Order
codes.
5-May-2008
3
AC and DC performance characteristics curves added for VCC=6V,
VCC= 10V and VCC= 30V.
Modified ICC typ, added parameters over temperature range in
electrical characteristics table.
Corrected macromodel information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com