Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH70CLT Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH70CLT
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH70CLT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH70CLT Datasheet HTML 4Page - STMicroelectronics TSH70CLT Datasheet HTML 5Page - STMicroelectronics TSH70CLT Datasheet HTML 6Page - STMicroelectronics TSH70CLT Datasheet HTML 7Page - STMicroelectronics TSH70CLT Datasheet HTML 8Page - STMicroelectronics TSH70CLT Datasheet HTML 9Page - STMicroelectronics TSH70CLT Datasheet HTML 10Page - STMicroelectronics TSH70CLT Datasheet HTML 11Page - STMicroelectronics TSH70CLT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Electrical Characteristics
TSH70,71,72,73,74,75
8/33
VOL
Low Level Output Voltage
Tamb=25°C
RL = 150Ω to GND
RL = 600Ω to GND
RL = 2kΩ to GND
RL = 10kΩ to GND
RL = 150Ω to 2.5V
RL = 600Ω to 2.5V
RL = 2kΩ to 2.5V
RL = 10kΩ to 2.5V
Tmin. < Tamb < Tmax.
RL = 150Ω to GND
RL = 150Ω to 2.5V
20
23
23
23
220
105
76
61
40
400
60
450
mV
GBP
Gain Bandwidth Product
F=10MHz
AVCL=+11
AVCL=-10
65
55
MHz
Bw
Bandwidth @-3dB
AVCL=+1, RL=150Ω to 2.5V
87
MHz
SR
Slew Rate
AVCL=+2,
RL=150Ω // CL to 2.5V
CL = 5pF
CL = 30pF
60
104
105
V/
µs
φmPhase Margin
RL=150Ω // 30pF to 2.5V
40
°
en
Equivalent Input Noise Voltage
F=100kHz
11
nV/
√Hz
THD
Total Harmonic Distortion
AVCL=+2, F=4MHz
RL=150Ω // 30pF to 2.5V
Vout=1Vpp
Vout=2Vpp
-61
-54
dB
IM2
Second order intermodulation product
AVCL=+2, Vout=2Vpp
RL=150Ω to 2.5V
Fin1=180kHz, Fin2=280kHz
spurious measurements @100kHz
-76
dBc
IM3
Third order inter modulation product
AVCL=+2, Vout=2Vpp
RL=150Ω to 2.5V
Fin1=180kHz, Fin2=280KHz
spurious measurements @400kHz
-68
dBc
∆G
Differential gain
AVCL=+2, RL=150Ω to 2.5V
F=4.5MHz, Vout=2Vpp
0.5
%
Df
Differential phase
AVCL=+2, RL=150Ω to 2.5V
F=4.5MHz, Vout=2Vpp
0.5
°
Gf
Gain Flatness
F=DC to 6MHz, AVCL=+2
0.2
dB
Vo1/Vo2 Channel Separation
F=1MHz to 10MHz
65
dB
Table 4.
VCC
+ = 5V, V
CC
- = GND, V
IC = 2.5V, Tamb = 25
°C (unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com