Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSH70CLT Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSH70CLT
Description  Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH70CLT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSH70CLT Datasheet HTML 18Page - STMicroelectronics TSH70CLT Datasheet HTML 19Page - STMicroelectronics TSH70CLT Datasheet HTML 20Page - STMicroelectronics TSH70CLT Datasheet HTML 21Page - STMicroelectronics TSH70CLT Datasheet HTML 22Page - STMicroelectronics TSH70CLT Datasheet HTML 23Page - STMicroelectronics TSH70CLT Datasheet HTML 24Page - STMicroelectronics TSH70CLT Datasheet HTML 25Page - STMicroelectronics TSH70CLT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Testing Conditions
TSH70,71,72,73,74,75
22/33
The electrical characteristics show the influence of the load on this parameter.
5.3
Video capabilities
To characterize the differential phase and differential gain, a CCIR330 video line is used.
The video line contains 5 (flat) levels of luma on which is superimposed chroma signal. The
first level contains no luma. The luma gives various amplitudes which define the saturation
of the signal. The chrominance gives various phases which define the color of the signal.
Differential phase (respectively differential gain) distortion is present if a signal chrominance
phase (gain) is affected by luminance level. They represent the ability to uniformly process
the high frequency information at all luminance levels.
When differential gain is present, color saturation is not correctly reproduced.
The input generator is the Rohde & Schwarz CCVS. The output measurement was done by
the Rohde and Schwarz VSA.
Figure 48. Measurement on Rohde and Schwarz VSA
Table 7.
Video results
Parameter
Value
VCC =
±2.5V
Value
VCC =
±5V
Unit
Lum NL
0.1
0.3
%
Lum NL Step 1
100
100
%
Lum NL Step 2
100
99.9
%
Lum NL Step 3
99.9
99.8
%
Lum NL Step 4
99.9
99.9
%
Lum NL Step 5
99.9
99.7
%
Diff Gain pos
0
0
%
Diff Gain neg
-0.7
-0.6
%
Diff Gain pp
0.7
0.6
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com