Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1874IN Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS1874IN
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874IN Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS1874IN Datasheet HTML 3Page - STMicroelectronics TS1874IN Datasheet HTML 4Page - STMicroelectronics TS1874IN Datasheet HTML 5Page - STMicroelectronics TS1874IN Datasheet HTML 6Page - STMicroelectronics TS1874IN Datasheet HTML 7Page - STMicroelectronics TS1874IN Datasheet HTML 8Page - STMicroelectronics TS1874IN Datasheet HTML 9Page - STMicroelectronics TS1874IN Datasheet HTML 10Page - STMicroelectronics TS1874IN Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TS1871-TS1872-TS1874
Electrical characteristics
7/26
Table 5.
Electrical characteristics at VCC = +5V
with VDD = 0V, CL & RL connected to VCC/2, and Tamb = 25°C (unless otherwise specified)
(1)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vio
Input offset voltage
Vicm = Vout = VCC/2
TS1871A/2A/4A
Tmin ≤ Tamb ≤ Tmax
TS1871/2/4
Tmin ≤ Tamb ≤ Tmax
0.1
1
1.5
3
6
mV
ΔVio
Input offset voltage drift
2
µV/°C
Iio
Input offset current
Vicm = Vout = VCC/2
(2)
Tmin ≤ Tamb ≤ Tmax
330
60
nA
Iib
Input bias current
Vicm = Vout = VCC/2
(1)
Tmin ≤ Tamb ≤ Tmax
70
130
150
nA
CMR
Common mode rejection ratio
20 log (
ΔVic/ΔVio)
0
≤ Vicm ≤ VCC, Vout not equal to VCC/2
Tmin ≤ Tamb ≤ Tmax
65
62
85
dB
SVR
Supply voltage rejection ratio
20 log (
ΔVcc/ΔVio)
VCC = 1.8 to 5V
70
90
dB
Avd
Large signal voltage gain
Vout = 1V to 4V
RL = 2kΩ
RL = 600Ω
83
77
92
85
dB
VOH
High level output voltage
Vid = 100mV
RL = 2kΩ
RL = 600Ω
Tmin ≤ Tamb ≤ Tmax, RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 600Ω
4.80
4.75
4.80
4.75
4.95
4.90
V
VOL
Low level output voltage
Vid = -100mV
RL = 2kΩ
RL = 600Ω
Tmin ≤ Tamb ≤ Tmax, RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax, RL = 600Ω
88
115
130
188
130
188
mV
Io
Output source current
Vid = 100mV, VO = VDD
20
80
mA
Output sink current
Vid = -100mV, VO = VCC
20
80
ICC
Supply current (per amplifier)
Vout = VCC/2
AVCL = 1, no load
Tmin ≤ Tamb ≤ Tmax
500
835
875
µA
GBP
Gain bandwidth product
RL = 10kΩ, CL = 100pF, f = 100kHz
1
1.8
MHz
SR
Slew rate
RL = 10kΩ, CL = 100pF, AV = 1
0.42
0.6
V/µs
φm
Phase margin
CL = 100pF
55
Degrees
en
Input voltage noise
f = 1kHz
27
nV/
√Hz
THD
Total harmonic distortion
0.01
%
1.
All parameter limits at temperatures different from 25°C are guaranteed by correlation.
2.
Maximum values include unavoidable inaccuracies of the industrial tests.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com