Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1874IN Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS1874IN
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874IN Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS1874IN Datasheet HTML 8Page - STMicroelectronics TS1874IN Datasheet HTML 9Page - STMicroelectronics TS1874IN Datasheet HTML 10Page - STMicroelectronics TS1874IN Datasheet HTML 11Page - STMicroelectronics TS1874IN Datasheet HTML 12Page - STMicroelectronics TS1874IN Datasheet HTML 13Page - STMicroelectronics TS1874IN Datasheet HTML 14Page - STMicroelectronics TS1874IN Datasheet HTML 15Page - STMicroelectronics TS1874IN Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Electrical characteristics
TS1871-TS1872-TS1874
12/26
Figure 25.
Gain and phase vs. frequency
Figure 26.
Gain and phase vs. frequency
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
RL = 10K
CL = 100 pF
Vcc = 1.8V
gain
phase
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
RL = 10K
CL = 100 pF
Vcc = 1.8V
gain
phase
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
RL = 10K
CL = 100 pF
Vcc = 3V
gain
phase
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
RL = 10K
CL = 100 pF
Vcc = 3V
gain
phase
Figure 27.
Gain and phase vs. frequency
Figure 28.
Gain bandwidth product vs.
temperature
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
RL = 10K
CL = 100 pF
Vcc = 5V
gain
phase
1E+3
1E+4
1E+5
1E+6
Frequency (Hz)
0
10
20
30
40
50
60
70
40
60
80
100
120
140
160
180
RL = 10K
CL = 100 pF
Vcc = 5V
gain
phase
-40
-20
0
20406080
100
120
140
Temperature (°C)
1.20
1.30
1.40
1.50
1.60
1.70
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
Vicm = Vcc/2
RL = 10kohms
CL = 100 pF
-40
-20
0
20406080
100
120
140
Temperature (°C)
1.20
1.30
1.40
1.50
1.60
1.70
Vcc = 1.8V
Vcc = 3V
Vcc = 5V
Vicm = Vcc/2
RL = 10kohms
CL = 100 pF
Figure 29.
Gain bandwidth product vs. supply
voltage
Figure 30.
Slew rate vs. temperature
12
3
4
5
Supply voltage (V)
0.5
1.0
1.5
2.0
RL = 2 kohms
CL = 220 pF
Vicm = Vcc/2
T = 25°C
12
3
4
5
Supply voltage (V)
0.5
1.0
1.5
2.0
RL = 2 kohms
CL = 220 pF
Vicm = Vcc/2
T = 25°C
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
0.30
0.35
0.40
0.45
0.50
0.55
positive slew rate
Vcc = 1.8V
gain = +1
Vin = 0.4 to 1.4V
RL = 10kohm
CL = 100 pF
negative slew rate
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
0.30
0.35
0.40
0.45
0.50
0.55
positive slew rate
Vcc = 1.8V
gain = +1
Vin = 0.4 to 1.4V
RL = 10kohm
CL = 100 pF
negative slew rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com