Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1874AIN Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS1874AIN
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874AIN Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS1874AIN Datasheet HTML 4Page - STMicroelectronics TS1874AIN Datasheet HTML 5Page - STMicroelectronics TS1874AIN Datasheet HTML 6Page - STMicroelectronics TS1874AIN Datasheet HTML 7Page - STMicroelectronics TS1874AIN Datasheet HTML 8Page - STMicroelectronics TS1874AIN Datasheet HTML 9Page - STMicroelectronics TS1874AIN Datasheet HTML 10Page - STMicroelectronics TS1874AIN Datasheet HTML 11Page - STMicroelectronics TS1874AIN Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical characteristics
TS1871-TS1872-TS1874
8/26
Figure 1.
Input offset voltage distribution
Figure 2.
Input offset voltage vs. temperature
-2.
-1.6 -1.2
-.8
-.4
0
.4
.8
1.2
1.6
2
Input offset voltage (mV)
0
20
40
60
80
100
120
140
160
492 pieces tested
Vcc = 5V
Temp = +25°C
-2.
-1.6 -1.2
-.8
-.4
0
.4
.8
1.2
1.6
2
Input offset voltage (mV)
0
20
40
60
80
100
120
140
160
492 pieces tested
Vcc = 5V
Temp = +25°C
492 pieces tested
Vcc = 5V
Temp = +25°C
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-150
-100
-50
0
50
100
150
200
Vcc = 3V
Vcc = 1.8V
Vcc = 5V
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-150
-100
-50
0
50
100
150
200
Vcc = 3V
Vcc = 1.8V
Vcc = 5V
Figure 3.
Input bias current vs. temperature
Figure 4.
Input bias current vs. temperature
-40
-20
0
204060
80
100
120
140
Temperature (°C)
-40.0
-30.0
-20.0
-10.0
0.0
10.0
Vcc = 1.8V
Vicm = 0.9V
-40
-20
0
204060
80
100
120
140
Temperature (°C)
-40.0
-30.0
-20.0
-10.0
0.0
10.0
Vcc = 1.8V
Vicm = 0.9V
-40 -20
0
20
40 60
80 100
120 140
Temperature (°C)
-40.0
-30.0
-20.0
-10.0
0.0
10.0
Vcc = 3V
Vicm = 1.5V
-40 -20
0
20
40 60
80 100
120 140
Temperature (°C)
-40.0
-30.0
-20.0
-10.0
0.0
10.0
Vcc = 3V
Vicm = 1.5V
Figure 5.
Supply current/amplifier vs. supply
voltage
Figure 6.
Supply current/amplifier vs.
temperature
02
46
8
Supply voltage (V)
0
100
200
300
400
500
600
Tamb = 25°C
02
46
8
Supply voltage (V)
0
100
200
300
400
500
600
Tamb = 25°C
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
250
300
350
400
450
500
550
Vcc = 5V
Vcc = 3V
Vcc = 1.8V
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
250
300
350
400
450
500
550
Vcc = 5V
Vcc = 3V
Vcc = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com