Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS1874AIN Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS1874AIN
Description  1.8V input/output rail-to-rail low power operational amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS1874AIN Datasheet(HTML) 1 Page - STMicroelectronics

  TS1874AIN Datasheet HTML 1Page - STMicroelectronics TS1874AIN Datasheet HTML 2Page - STMicroelectronics TS1874AIN Datasheet HTML 3Page - STMicroelectronics TS1874AIN Datasheet HTML 4Page - STMicroelectronics TS1874AIN Datasheet HTML 5Page - STMicroelectronics TS1874AIN Datasheet HTML 6Page - STMicroelectronics TS1874AIN Datasheet HTML 7Page - STMicroelectronics TS1874AIN Datasheet HTML 8Page - STMicroelectronics TS1874AIN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
January 2008
Rev 4
1/26
26
TS1871-TS1872-TS1874
1.8V input/output rail-to-rail
low power operational amplifiers
Features
■ Operating range from VCC = 1.8V to 6V
■ Rail-to-rail input and output
■ Extended Vicm (VDD - 0.2V to VCC + 0.2V)
■ Low supply current (400µA)
■ Gain bandwidth product (1.6MHz)
■ High unity gain stability
■ ESD tolerance (2kV)
■ Latch-up immunity
■ Available in SOT23-5 micro package
Applications
■ Battery-powered applications (toys)
■ Portable communication devices (cell phones)
■ Audio driver (headphone drivers)
■ Laptop/notebook computers
Description
The TS187x (single, dual and quad) is an
operational amplifier family able to operate with
voltages as low as 1.8V and that features both
input and output rail-to-rail.
The common mode input voltage extends 200mV
beyond the supply voltages at 25°C while the
output voltage swing is within 100mV of each rail
with a 600
Ω load resistor. This device consumes
typically 400µA per channel while offering 1.6MHz
of gain-bandwidth product. The amplifier provides
high output drive capability typically at 65mA load.
These features make the TS187x family ideal for
sensor interface, battery-supplied and portable
applications.
TS1871ILT
TS1874IN-TS1874ID/IDT-TS1874IPT
TS1871ID/IDT
TS1872IN-TS1872ID/IDT-TS1872IST
TS1872IPT
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
1
2
3
5
4
VDD
VCC
Non Inverting Input
Inverting Input
Output
VDD
VCC
1
2
3
5
4
8
7
6
N.C.
N.C.
Non Inverting Input
Inverting Input
Output
+
_
N.C.
VDD
VCC
1
2
3
5
4
8
7
6
N.C.
N.C.
Non Inverting Input
Inverting Input
Output
+
_
N.C.
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VDD
VCC
1
2
3
5
4
8
7
6
Non Inverting Input 1
Inverting Input 1
Output 2
+
_
Output 1
Non Inverting Input 2
Inverting Input 2
+
_
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
VCC
VDD
1
2
3
11
4
14
13
12
Non Inverting Input 2
Inverting Input 2
Output 4
Output 2
Non Inverting Input 4
Inverting Input 4
5
6
7
8
10
9
+
_
+
_
+
_
Output 3
Non Inverting Input 3
Inverting Input 3
+
_
Output 1
Non Inverting Input 1
Inverting Input 1
www.st.com


Similar Part No. - TS1874AIN

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS1874AIN STMICROELECTRONICS-TS1874AIN Datasheet
428Kb / 27P
1.8V input/output rail-to-rail Low power operational amplifiers
21-May-2007
More results

Similar Description - TS1874AIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV921 NSC-LMV921 Datasheet
736Kb / 27P
1.8V, 1MHz, Low Power Operational Amplifiers with Rail-To-Rail Input and Output
logo
STMicroelectronics
TS1851 STMICROELECTRONICS-TS1851 Datasheet
171Kb / 17P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
May-2000
TS1871 STMICROELECTRONICS-TS1871 Datasheet
73Kb / 10P
1.8V, INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Mar-2000
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
TS1851 STMICROELECTRONICS-TS1851_07 Datasheet
342Kb / 25P
1.8V INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
22-May-2007
TS1871 STMICROELECTRONICS-TS1871_07 Datasheet
428Kb / 27P
1.8V input/output rail-to-rail Low power operational amplifiers
21-May-2007
LMV321 STMICROELECTRONICS-LMV321 Datasheet
195Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
LMV321 STMICROELECTRONICS-LMV321_10 Datasheet
319Kb / 16P
Low cost,low power,input/output rail-to-rail operational amplifiers
18-Jan-2010
logo
Texas Instruments
TLV2460-Q1 TI1-TLV2460-Q1_16 Datasheet
2Mb / 46P
Low-Power Rail-to-Rail Input/Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com