Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN808SR Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN808SR
Description  Octal channel high side driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN808SR Datasheet(HTML) 3 Page - STMicroelectronics

  VN808SR Datasheet HTML 1Page - STMicroelectronics VN808SR Datasheet HTML 2Page - STMicroelectronics VN808SR Datasheet HTML 3Page - STMicroelectronics VN808SR Datasheet HTML 4Page - STMicroelectronics VN808SR Datasheet HTML 5Page - STMicroelectronics VN808SR Datasheet HTML 6Page - STMicroelectronics VN808SR Datasheet HTML 7Page - STMicroelectronics VN808SR Datasheet HTML 8Page - STMicroelectronics VN808SR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
VN808SR
Maximum ratings
3/17
1
Maximum ratings
Table 1.
Absolute maximum rating
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
45
V
-IGND
DC ground pin reverse current
TRAN ground pin reverse current
(pulse duration < 1 ms)
-250
-6
mA
A
IOUT
DC output current
Internally limited
A
-IOUT
Reverse DC output current
-2
A
IIN
DC Input current
± 10
mA
VIN
Input voltage range
-3/+VCC
V
VESD
Electrostatic discharge (R = 1.5 k
Ω; C = 100 pF)
2000
V
PTOT
Power dissipation at Tc = 25 °C
96
W
LMAX
Max inductive load (VCC = 24 V, RLOAD = 48 Ω,
TA = 100 °C)
2H
TJ
Junction operating temperature
Internally limited
°C
TC
Case operating temperature
Internally limited
°C
TSTG
Storage temperature
-40 to 150
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
Max
1.3
°C/W
RthJA
Thermal resistance junction-ambient (1)
1.
When mounted on FR4 printed circuit board with 0.5 cm2 of copper area (at least 35
µm think) connected
to all TAB pins.
Max
50
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com