Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VN808SR Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN808SR
Description  Octal channel high side driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN808SR Datasheet(HTML) 4 Page - STMicroelectronics

  VN808SR Datasheet HTML 1Page - STMicroelectronics VN808SR Datasheet HTML 2Page - STMicroelectronics VN808SR Datasheet HTML 3Page - STMicroelectronics VN808SR Datasheet HTML 4Page - STMicroelectronics VN808SR Datasheet HTML 5Page - STMicroelectronics VN808SR Datasheet HTML 6Page - STMicroelectronics VN808SR Datasheet HTML 7Page - STMicroelectronics VN808SR Datasheet HTML 8Page - STMicroelectronics VN808SR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
VN808SR
4/17
2
Electrical characteristics
(10.5 V < VCC < 32 V; -40 °C < TJ < 125 °C; unless otherwise specified)
Table 3.
Power section
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VCC
Operating supply
voltage
10.5
45
V
VUSD
Undervoltage
shutdown
710.5
V
RON
On state resistance
IOUT = 0.5 A; TJ = 25 °C
IOUT = 0.5 A;
150
185
280
m
Ω
m
Ω
IS
Supply current
OFF state; VCC = 24 V;
TCASE = 25 °C
ON state (all channels ON);
VCC = 24 V, TCASE = 100 °C
150
12
µA
mA
ILGND
Output current at
turn-off
VCC = VSTAT = VIN = VGND = 24 V
VOUT = 0 V
1mA
IL(off)
OFF state output
current
VIN = VOUT = 0 V;
05
µA
td(Vccon)
Power-on delay time
from VCC rising edge
Table 7.
1ms
Table 4.
Switching (VCC = 24 V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
tON
Turn-on time
RL = 48 Ω from 80%
VOUT Figure 5.
50
100
µs
tOFF
Turn-off time
RL = 48 Ω to 10% VOUT Figure 5.
75
150
µs
dVOUT/dt(on) Turn-on voltage slope
RL = 48 Ω from VOUT = 2.4 V to
VOUT = 19.2 V Figure 5.
0.7
V
/µs
dVOUT/dt(off) Turn-off voltage slope
RL = 48 Ω from VOUT = 21.6 V to
VOUT = 2.4 V Figure 5.
1.5
V
/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com