Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX74 Datasheet(PDF) 7 Page - STMicroelectronics

Part # 74LCX74
Description  Low voltage CMOS dual D-Type Flip Flop with 5V tolerant inputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX74 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button 74LCX74_06 Datasheet HTML 3Page - STMicroelectronics 74LCX74_06 Datasheet HTML 4Page - STMicroelectronics 74LCX74_06 Datasheet HTML 5Page - STMicroelectronics 74LCX74_06 Datasheet HTML 6Page - STMicroelectronics 74LCX74_06 Datasheet HTML 7Page - STMicroelectronics 74LCX74_06 Datasheet HTML 8Page - STMicroelectronics 74LCX74_06 Datasheet HTML 9Page - STMicroelectronics 74LCX74_06 Datasheet HTML 10Page - STMicroelectronics 74LCX74_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74LCX74
Electrical characteristics
7/17
Table 7. AC electrical characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
CL
(pF)
RL
(
Ω)
ts = tr
(ns)
-40 to 85 °C
Min
Max
tPLH tPHL
Propagation delay
time (CK to Q or
Q)
2.7
50
500
2.5
1.5
8.0
ns
3.0 to 3.6
1.5
7.0
tPLH tPHL
Propagation delay
time (PR or CLR
to Q or Q)
2.7
50
500
2.5
1.5
8.0
ns
3.0 to 3.6
1.5
7.0
tS
Setup time, HIGH
or LOW level D to
CK
2.7
50
500
2.5
2.5
ns
3.0 to 3.6
2.5
th
Hold time, HIGH
or LOW level D to
CK
2.7
50
500
2.5
1.5
ns
3.0 to 3.6
1.5
tW
CK Pulse width,
HIGH or LOW
PR or CLR Pulse
Width, LOW
2.7
50
500
2.5
3.0
ns
3.0 to 3.6
3.0
trec
Recovery time PR
or CLR to CK
2.7
50
500
2.5
0
ns
3.0 to 3.6
0
fMAX
Clock pulse
frequency
2.7
50
500
2.5
150
MHz
tOSLH
tOSHL
Output to output
skew time (1) (2)
1.
Skew is defined as the absolute value of the difference between the actual propagation delay for any two
outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|,
tOSHL = | tPHLm - tPHLn|)
2.
Parameter guaranteed by design
3.0 to 3.6
50
500
2.5
1.0
ns
Table 8. Capacitive characteristics
Symbol
Parameter
Test condition
Value
Unit
VCC
(V)
TA = 25 °C
Min
Typ
Max
CIN
Input capacitance
3.3
VIN = 0 to VCC
6pF
CPD
Power dissipation
capacitance (1)
1.
CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the
operating current consumption without load. (Refer to Test Circuit). Average operating current can be
obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/2 (per gate)
3.3
fIN = 10MHz
VIN = 0 or VCC
40
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com