Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX74 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX74
Description  Low voltage CMOS dual D-Type Flip Flop with 5V tolerant inputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX74 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX74_06 Datasheet HTML 1Page - STMicroelectronics 74LCX74_06 Datasheet HTML 2Page - STMicroelectronics 74LCX74_06 Datasheet HTML 3Page - STMicroelectronics 74LCX74_06 Datasheet HTML 4Page - STMicroelectronics 74LCX74_06 Datasheet HTML 5Page - STMicroelectronics 74LCX74_06 Datasheet HTML 6Page - STMicroelectronics 74LCX74_06 Datasheet HTML 7Page - STMicroelectronics 74LCX74_06 Datasheet HTML 8Page - STMicroelectronics 74LCX74_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2006
Rev 8
1/17
17
74LCX74
Low voltage CMOS dual D-Type Flip Flop
with 5V tolerant inputs
Features
■ 5V tolerant inputs
■ High speed:
–fMAX = 150MHz (Max) at VCC = 3V
■ Power down protection on inputs and outputs
■ Symmetrical output impedance:
–|IOH| = IOL = 24mA (Min) at VCC = 3V
■ PCI bus levels guaranteed at 24mA
■ Balanced propagation delays:
–tPLH ≅ tPHL
■ Operating voltage range:
–VCC (Opr) = 2.0V to 3.6V
■ Pin and function compatible with
74 series 74
■ Latch-up performance exceeds
500mA (JESD 17)
■ ESD performance:
– HBM > 2000V
(MIL STD 883 method 3015); MM > 200V
Description
The 74LCX74 is a low voltage CMOS dual D-type
flip flop with preset and clear non inverting
fabricated with sub-micron silicon gate and
double-layer metal wiring C2MOS technology. It is
ideal for low power and high speed 3.3V
applications; it can be interfaced to 5V signal
environment for inputs.
A signal on the D INPUT is transferred to the Q
OUTPUT during the positive going transition of
the clock pulse.
CLR and PR are independent of the clock and
accomplished by a low setting on the appropriate
input.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
SO-14
TSSOP14
www.st.com
Order codes
Part number
Package
Packaging
74LCX74MTR
SO-14
Tape and reel
74LCX74TTR
TSSOP14
Tape and reel


Similar Part No. - 74LCX74_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LCX74 FAIRCHILD-74LCX74_08 Datasheet
826Kb / 13P
74LCX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
More results

Similar Description - 74LCX74_06

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
25-Oct-1999
logo
Fairchild Semiconductor
74LCX74 FAIRCHILD-74LCX74 Datasheet
89Kb / 11P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX273 STMICROELECTRONICS-74LVX273 Datasheet
307Kb / 12P
LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP WITH CLEAR (5V TOLERANT INPUTS)
27-Aug-2004
74LVX16374 STMICROELECTRONICS-74LVX16374 Datasheet
275Kb / 10P
LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP FLOP (3-STATE) WITH 5V TOLERANT INPUTS
Feb-2003
74LCX74 STMICROELECTRONICS-74LCX74 Datasheet
79Kb / 11P
LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH 5V TOLERANT INPUTS
Sep-2001
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
STMicroelectronics
74LVX74 STMICROELECTRONICS-74LVX74 Datasheet
457Kb / 13P
LOW VOLTAGE CMOS DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR (5V TOLERANT INPUTS)
27-Aug-2004
74LVX174 STMICROELECTRONICS-74LVX174 Datasheet
307Kb / 12P
LOW VOLTAGE CMOS HEX D-TYPE FLIP-FLOP WITH CLEAR WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
Unisonic Technologies
U74LCX74 UTC-U74LCX74 Datasheet
175Kb / 7P
LOW VOLTAGE DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP WITH 5V TOLERANT INPUTS
logo
ON Semiconductor
74LCX74 ONSEMI-74LCX74 Datasheet
682Kb / 13P
Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs
December 2013 Rev. 1.7.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com