Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX139 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74LCX139
Description  Low voltage CMOS Dual 2 to 4 decoder / demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX139 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 74LCX139 Datasheet HTML 2Page - STMicroelectronics 74LCX139 Datasheet HTML 3Page - STMicroelectronics 74LCX139 Datasheet HTML 4Page - STMicroelectronics 74LCX139 Datasheet HTML 5Page - STMicroelectronics 74LCX139 Datasheet HTML 6Page - STMicroelectronics 74LCX139 Datasheet HTML 7Page - STMicroelectronics 74LCX139 Datasheet HTML 8Page - STMicroelectronics 74LCX139 Datasheet HTML 9Page - STMicroelectronics 74LCX139 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Maximum rating
74LCX139
6/17
3
Maximum rating
stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. these are stress ratings only and operation of the
device at these or any other conditions above those indicated in the operating sections of
this specification is not implied. exposure to absolute maximum rating conditions for
extended periods may affect device reliability. refer also to the STMicroelectronics sure
program and other relevant quality documents.
3.1
Recommended operating conditions
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
-0.5 to +7.0
V
VI
DC input voltage
-0.5 to +7.0
V
VO
DC output voltage (VCC = 0V)
-0.5 to +7.0
V
VO
DC output voltage (high or low state) (1)
1.
IO absolute maximum rating must be observed
-0.5 to VCC + 0.5
V
IIK
DC input diode current
-50
mA
IOK
DC output diode current (2)
2.
VO < GND
-50
mA
IO
DC output current
± 50
mA
ICC
DC supply current per supply pin
± 100
mA
IGND
DC ground current per supply pin
± 100
mA
Tstg
Storage temperature
-65 to +150
°C
TL
Lead temperature (10 sec)
300
°C
Table 4. Recommended operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage (1)
1.
Truth table guaranteed: 1.5V to 3.6V
2.0 to 3.6
V
VI
Input voltage
0 to 5.5
V
VO
Output voltage (VCC = 0V)
0 to 5.5
V
VO
Output voltage (high or low state)
0 to VCC
V
IOH, IOL
High or low level output current (VCC = 3.0 to 3.6V)
± 24
mA
IOH, IOL
High or low level output current (VCC = 2.7V)
± 12
mA
Top
Operating temperature
-40 to 85
°C
dt/dv
Input rise and fall time (2)
2.
VIN from 0.8V to 2V at VCC = 3.0V
0 to 10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com