Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LCX139 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX139
Description  Low voltage CMOS Dual 2 to 4 decoder / demultiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX139 Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX139 Datasheet HTML 1Page - STMicroelectronics 74LCX139 Datasheet HTML 2Page - STMicroelectronics 74LCX139 Datasheet HTML 3Page - STMicroelectronics 74LCX139 Datasheet HTML 4Page - STMicroelectronics 74LCX139 Datasheet HTML 5Page - STMicroelectronics 74LCX139 Datasheet HTML 6Page - STMicroelectronics 74LCX139 Datasheet HTML 7Page - STMicroelectronics 74LCX139 Datasheet HTML 8Page - STMicroelectronics 74LCX139 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
July 2006
Rev 4
1/17
17
74LCX139
Low voltage CMOS
Dual 2 to 4 decoder / demultiplexer
Features
■ 5V tolerant inputs
■ High speed:
–tPD = 6.2ns (Max) at VCC = 3V
■ Power down protection on inputs and outputs
■ Symmetrical output impedance:
–|IOH| = IOL = 24mA (Min) at VCC = 3V
■ PCI bus levels guaranteed at 24mA
■ Balanced propagation delays:
–tPLH ≅ tPHL
■ Operating voltage range:
–VCC (Opr) = 2.0V to 3.6V
■ Pin and function compatible with
74 series 139
■ Latch-up performance exceeds
500mA (JESD 17)
■ ESD performance:
– HBM > 2000V
(MIL STD 883 method 3015); MM > 200V
Description
The 74LCX139 is a low voltage CMOS dual 2 to 4
line Decoder / Demultiplexer fabricated with sub-
micron silicon gate and double-layer metal wiring
C2MOS technology.
It is ideal for low power and high speed 3.3V
applications; it can be interfaced to 5V signal
environment for inputs.
The active low enable input can be used for gating
or as a data input for demultiplexing applications.
While the enable input is held high, all four
outputs are high independently of the other
inputs.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All inputs and outputs are equipped with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
SO-16
TSSOP16
www.st.com
Order codes
Part number
Package
Packaging
74LCX139MTR
SO-16
Tape and reel
74LCX139TTR
TSSOP16
Tape and reel


Similar Part No. - 74LCX139

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX139 STMICROELECTRONICS-74LCX139 Datasheet
279Kb / 12P
LOW VOLTAGE CMOS DUAL 2 TO 4 DECODER/DEMULTIPLEXER
15-Sep-2004
logo
ON Semiconductor
74LCX139 ONSEMI-74LCX139 Datasheet
100Kb / 8P
Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
January, 2005 ??Rev. 3
logo
STMicroelectronics
74LCX139MTR STMICROELECTRONICS-74LCX139MTR Datasheet
279Kb / 12P
LOW VOLTAGE CMOS DUAL 2 TO 4 DECODER/DEMULTIPLEXER
15-Sep-2004
74LCX139TTR STMICROELECTRONICS-74LCX139TTR Datasheet
279Kb / 12P
LOW VOLTAGE CMOS DUAL 2 TO 4 DECODER/DEMULTIPLEXER
15-Sep-2004
More results

Similar Description - 74LCX139

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC139 STMICROELECTRONICS-74VHC139 Datasheet
63Kb / 8P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
Jun-1999
logo
Fairchild Semiconductor
74VHC139 FAIRCHILD-74VHC139 Datasheet
73Kb / 6P
Dual 2-to-4 Decoder/Demultiplexer
logo
STMicroelectronics
74LCX139 STMICROELECTRONICS-74LCX139 Datasheet
279Kb / 12P
LOW VOLTAGE CMOS DUAL 2 TO 4 DECODER/DEMULTIPLEXER
15-Sep-2004
74LVX139 STMICROELECTRONICS-74LVX139 Datasheet
289Kb / 12P
LOW VOLTAGE CMOS DUAL 2 TO 4 DECODER/DEMULTIPLEXER
27-Aug-2004
logo
ON Semiconductor
MC74LCX139 ONSEMI-MC74LCX139 Datasheet
100Kb / 8P
Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
January, 2005 ??Rev. 3
logo
STMicroelectronics
74VHCT139A STMICROELECTRONICS-74VHCT139A_04 Datasheet
277Kb / 12P
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
16-Dec-2004
logo
ON Semiconductor
MC74VHCT139A ONSEMI-MC74VHCT139A_14 Datasheet
99Kb / 7P
Dual 2-to-4 Decoder/ Demultiplexer
October, 2014 ??Rev. 6
MC74LCX139 ONSEMI-MC74LCX139_12 Datasheet
162Kb / 7P
Dual Low-Voltage CMOS 2-to-4 Decoder/Demultiplexer
October, 2012 ??Rev. 7
MC74VHC139 ONSEMI-MC74VHC139_11 Datasheet
135Kb / 8P
Dual 2-to-4 Decoder/ Demultiplexer
May, 2011 ??Rev. 4
74VHC139 ONSEMI-74VHC139 Datasheet
177Kb / 8P
Dual 2-to-4 Decoder/Demultiplexer
Revised April 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com