Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALVCH16244 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74ALVCH16244
Description  LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ALVCH16244 Datasheet(HTML) 1 Page - STMicroelectronics

  74ALVCH16244 Datasheet HTML 1Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 2Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 3Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 4Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 5Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 6Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 7Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 8Page - STMicroelectronics 74ALVCH16244 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
February 2003
s
3.6V TOLERANT INPUTS AND OUTPUTS
s
HIGH SPEED :
tPD = 3.0 ns (MAX.) at VCC =3.0 to 3.6V
tPD = 3.7 ns (MAX.) at VCC =2.3 to 2.7V
tPD = 5.1 ns (MAX.) at VCC =1.65V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL = 24mA (MIN) at VCC =3.0V
|IOH|= IOL = 12mA (MIN) at VCC =2.3V
|IOH|= IOL =4mA (MIN) at VCC = 1.65V
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 1.65V to 3.6V
s
BUS HOLD PROVIDED ON DATA INPUTS
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16244
s
LATCH-UP PERFORMANCE EXCEEDS
300mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74ALVCH16244 is a low voltage CMOS 16
BIT BUS BUFFER (NON INVERTED) fabricated
with sub-micron silicon gate and five-layer metal
wiring C2MOS technology. It is ideal for low power
and very high speed 1.65 to 3.6V applications; it
can be interfaced to 3.6V signal environment for
both inputs and outputs.
Any
nG
output
control
governs
four
BUS
BUFFERS. Output Enable input (nG) tied together
gives full 16-bit operation.
When nG is LOW, the outputs are enabled. When
nG is HIGH, the output are in high impedance
state.
Active bus-hold circuitry is provided to hold
unused or floating data inputs at a valid logic level.
This device is designed to be used with 3 state
memory address drivers, etc.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74ALVCH16244
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)
WITH 3.6V TOLERANT INPUTS AND OUTPUTS
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74ALVCH16244TTR
TSSOP
PIN CONNECTION


Similar Part No. - 74ALVCH16244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16244 PHILIPS-74ALVCH16244 Datasheet
84Kb / 10P
2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
logo
Fairchild Semiconductor
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
Low Voltage 16-Bit Buffer/Line Driver with Bushold
logo
ON Semiconductor
74ALVCH16244 ONSEMI-74ALVCH16244 Datasheet
268Kb / 10P
Low?뭋oltage 16?묪it Buffer
June, 2006 ??Rev. 2
logo
Integrated Device Techn...
74ALVCH16244BF IDT-74ALVCH16244BF Datasheet
106Kb / 7P
3.3V CMOS 32-BIT BUFFER/ DRIVER
74ALVCH16244BFG IDT-74ALVCH16244BFG Datasheet
106Kb / 7P
3.3V CMOS 32-BIT BUFFER/ DRIVER
More results

Similar Description - 74ALVCH16244

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VCX162244 STMICROELECTRONICS-74VCX162244 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
54VCXH162244 STMICROELECTRONICS-54VCXH162244 Datasheet
489Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
17-May-2005
74VCX162245 STMICROELECTRONICS-74VCX162245 Datasheet
279Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXH162245 STMICROELECTRONICS-74VCXH162245 Datasheet
272Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
74VCXR162245 STMICROELECTRONICS-74VCXR162245 Datasheet
272Kb / 13P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Jul-2003
54VCXHR162245 STMICROELECTRONICS-54VCXHR162245 Datasheet
236Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS TRANSCEIVER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
09-Jul-2004
74VCXH16244 STMICROELECTRONICS-74VCXH16244 Datasheet
231Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX16240 STMICROELECTRONICS-74VCX16240 Datasheet
244Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE INV.) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
74VCX16244 STMICROELECTRONICS-74VCX16244 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS 16-BIT BUS BUFFER (3-STATE) WITH 3.6V TOLERANT INPUTS AND OUTPUTS
Feb-2003
54VCXH162244 STMICROELECTRONICS-54VCXH162244_07 Datasheet
473Kb / 17P
Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
30-Jul-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com